Electronic Components Datasheet Search
  English  ▼

X  

MP5610 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5610
Description  2.7V to 5.5V Input, 1.2MHz, Dual-ch LCD Bias Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5610 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5610 Datasheet HTML 1Page - Monolithic Power Systems MP5610 Datasheet HTML 2Page - Monolithic Power Systems MP5610 Datasheet HTML 3Page - Monolithic Power Systems MP5610 Datasheet HTML 4Page - Monolithic Power Systems MP5610 Datasheet HTML 5Page - Monolithic Power Systems MP5610 Datasheet HTML 6Page - Monolithic Power Systems MP5610 Datasheet HTML 7Page - Monolithic Power Systems MP5610 Datasheet HTML 8Page - Monolithic Power Systems MP5610 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP5610 – 2.7V TO 5.5V INPUT, 1.2MH
z, DUAL-CH, LCD BIAS POWER SUPPLY
MP5610 Rev. 1.02
www.MonolithicPower.com
3
12/6/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =3.7V, VEN = VIN, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
GENEARL
Operating Input Voltage
VIN
2.7
5.5
V
Supply Current (Quiescent)
IQ
VIN=3.7V, VEN= VIN, no
switching
450
500
μA
Supply Current (Shutdown)
IST
VEN=0V, VIN=3.7V
0.2
μA
Input UVLO Threshold
VIN_UVLO
Rising Edge
2.35
2.45
2.55
V
Input UVLO Hysteresis
260
mV
EN High Voltage
VEN_HIGH
VEN Rising
1.2
V
EN Low Voltage
VEN_LOW
VEN Falling
0.4
V
Switching Frequency
fSW
0.96
1.2
1.44
MHz
Input Disconnect MOSFET On-
Resistance
RON_M5
VIN=3.7V
0.1
Ω
Input DC Current Limit
ILIM_IN
VIN=3.7V
200
245
290
mA
Input DC Current Ramp Time
VIN=3.7V, VINP=GND
ILIM_IN: 0 to 260mA
215
us
REF Soft Start Time
VIN=3.7V
270
us
STEP-UP CONVERTER
Maximum Duty Cycle
DMAX
75
85
%
Minimum On Time
tON_MIN
110
ns
Feedback Regulation Voltage
VFBP
594
600
606
mV
Feedback Input Bias Current
100
nA
Main Switch On-Resistance
RON_M1
VIN=2.7V-3.7V,
0.5
Ω
High Side Switch On-Resistance
RON_M2&M6
VIN=2.7V-3.7V,
2.0
Ω
Cycle-by-Cycle Current Limit
ILIM
Duty Cycle=0%
240
300
365
mA
High Side Switch Current ZCD
Detection Threshold
5
10
15
mA
NEGATIVE CHARGE PUMP
CP2
to
GND
MOSFET
On-
Resistance
RON_M3
VIN=2.7V-3.7V,
0.6
Ω
CP2
to
VON
MOSFET
On-
Resistance
RON_M4
VIN=2.7V-3.7V,
0.5
Ω
PROTECTION
Positive
Output
Over
Voltage
Protection Threshold
VOVP
5.9
6.1
6.4
V
Output Over Voltage Protection
Hysteresis
VOVP_TH
215
mV
Negative
Output
Over
Voltage
Protection Threshold
VOVN
-6.7
-6.2
-5.8
V
Output Over Voltage Protection
Hysteresis
165
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com