Electronic Components Datasheet Search
  English  ▼

X  

TPS65014 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65014
Description  POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65014 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS65014 Datasheet HTML 45Page - Texas Instruments TPS65014 Datasheet HTML 46Page - Texas Instruments TPS65014 Datasheet HTML 47Page - Texas Instruments TPS65014 Datasheet HTML 48Page - Texas Instruments TPS65014 Datasheet HTML 49Page - Texas Instruments TPS65014 Datasheet HTML 50Page - Texas Instruments TPS65014 Datasheet HTML 51Page - Texas Instruments TPS65014 Datasheet HTML 52Page - Texas Instruments TPS65014 Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
www.ti.com
DESIGN PROCEDURE
Inductor Selection for the Main and the Core Converter
DIL + VO
1–
V
O
V
I
L
ƒ
(3)
I
L(max) +
I
O(max) )
DIL
2
(4)
Output Capacitor Selection
TPS65014
SLVS551 – DECEMBER 2004
The main and the core converters in the TPS65014 typically use a 6.2-µH and a 10-µH output inductor,
respectively. Larger or smaller inductor values can be used to optimize the performance of the device for specific
operation conditions. The selected inductor has to be rated for its dc resistance and saturation current. The dc
resistance of the inductance influences directly the efficiency of the converter. Therefore, an inductor with lowest
dc resistance is selected for highest efficiency.
Equation 3 calculates the maximum inductor current under static load conditions. The saturation current of the
inductor should be rated higher than the maximum inductor current as calculated with Equation 3. This is needed
because during heavy load transient, the inductor current rises above the value calculated under Equation 3.
with:
•
f = Switching frequency (1.25 MHz typical)
•
L = Inductor value
•
∆I
L= Peak-to-peak inductor ripple current
•
ILmax = Maximum inductor current
The highest inductor current occurs at maximum VI.
Open core inductors have a soft saturation characteristic, and they can usually handle higher inductor currents
versus a comparable shielded inductor.
A more conservative approach is to select the inductor current rating just for the maximum switch current of the
TPS65014 (2 A for the main converter and 0.8 A for the core converter). Keep in mind that the core material from
inductor to inductor differs and has an impact on the efficiency especially at high switching frequencies.
See Table 4 and the typical applications for possible inductors
Table 4. Tested Inductors
DEVICE
INDUCTOR VALUE
DIMENSIONS
COMPONENT SUPPLIER
10 µH
6 mm
× 6 mm × 2 mm
Sumida CDRH5D18-100
Core converter
10 µH
5 mm
× 5 mm × 3 mm
Sumida CDRH4D28-100
4.7 µH
5,5 mm
× 6,6 mm x 1 mm
Coilcraft LPO1704-472M
4.7 µH
5 mm
× 5 mm × 3 mm
Sumida CDRH4D28C-4.7
4.7 µH
5,2 mm
× 5,2 mm × 2,5 mm
Coiltronics SD25-4R7
Main converter
5.3 µH
5,7 mm
× 5,7 mm × 3 mm
Sumida CDRH5D28-5R3
6.2 µH
5,7 mm
× 5,7 mm × 3 mm
Sumida CDRH5D28-6R2
6 µH
7 mm
× 7 mm × 3 mm
Sumida CDRH6D28-6R0
The advanced fast response voltage mode control scheme of the inductive converters implemented in the
TPS65014 allow the use of small ceramic capacitors with a typical value of 22 µF for the main converter and 10
µF for the core converter without having large output voltage under/overshoots during heavy load transients.
Ceramic capacitors having low ESR values have the lowest output voltage ripple and are recommended. If
required tantalum capacitors with an ESR < 100
ΩR may be used as well.
See Table 5 for recommended components.
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com