Electronic Components Datasheet Search
  English  ▼

X  

TPS65014 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65014
Description  POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65014 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65014 Datasheet HTML 1Page - Texas Instruments TPS65014 Datasheet HTML 2Page - Texas Instruments TPS65014 Datasheet HTML 3Page - Texas Instruments TPS65014 Datasheet HTML 4Page - Texas Instruments TPS65014 Datasheet HTML 5Page - Texas Instruments TPS65014 Datasheet HTML 6Page - Texas Instruments TPS65014 Datasheet HTML 7Page - Texas Instruments TPS65014 Datasheet HTML 8Page - Texas Instruments TPS65014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS65014
SLVS551 – DECEMBER 2004
MIN
NOM
MAX
UNIT
V(AC)
Supply voltage from ac adapter
4.5
6.5
V
V(USB)
Supply voltage from USB
4.4
5.25
V
V(BAT)
Voltage at charger output/battery
2.5
4.2
V
VI(MAIN),VI(CORE),VCC
Input voltage range step-down converters
2.5
6.0
V
VI(LDO1), VI(LDO2)
Input voltage range for LDOs
1.8
6.5
V
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
Resistor from VI(main),VI(core) to VCC used for
R(CC)
10
100
Ω
filtering, CI(VCC) = 1 µF
V
I(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0
°C < T
A < 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL SIGNALS: LOW_PWR, SCLK, SDAT (Input)
VIH
High-level input voltage
IIH = 20 µA (1)
2
VCC
V
VIL
Low-level input voltage
IIL = 10 µA
0
0.8
V
IIB
Input bias current
0.01
1.0
µA
CONTROL SIGNALS: PB_ONOFF, HOT_RESET, BATT_COVER
VIH
High-level input voltage
IIH = 20 µA(1)
0.8 VCC
6
V
VIL
Low-level input voltage
IIL = 10 µA
0
0.4
V
R(pb_onoff)
Pulldown resistor at PB_ONOFF
1000
k
Ω
Pullup resistor at HOT_RESET,
R(hot_reset)
1000
k
Ω
connected to VCC
R(batt_cover)
Pulldown resistor at BATT_COVER
2000
k
Ω
t(glitch)
De-glitch time at all 3 pins
38
56
77
ms
Delay after t(glitch) (PWRFAIL goes low)
t(batt_cover)
before supplies are disabled when
1.68
2.4
3.2
ms
BATT_COVER goes low.
CONTROL SIGNALS: MPU_RESET, PWRFAIL, RESPWRON, INT, SDAT (output)
VOH
High-level output voltage
6
V
VOL
Low-level output voltage
IIL = 10 mA
0
0.3
V
td(mpu_nreset)
Duration of low pulse at MPU_RESET
100
µs
td(nrespwron)
Duration of low pulse at RESPWRON
TPOR = 0
80
100
120
ms
after VMAIN is in regulation
TPOR = 1
800
1000
1200
Time between UVLO going active
td(uvlo)
(PWRFAIL going low) and supplies be-
1.68
2.4
3.2
ms
ing disabled
Time between chip overtemperature
td(overtemp)
condition being recognized (PWRFAIL
1.68
2.4
3.2
ms
going low) and supplies being disabled
SUPPLY PIN: VCC
I(Q)
Operating quiescent current
VI = 3.6 V, current into Main + Core + VCC
70
µA
VI = 3.6 V, BATT_COVER = GND,
IO(SD)
Shutdown supply current
15
25
µA
Current into Main + Core + VCC
VMAIN STEP-DOWN CONVERTER
VI
Input voltage range
2.5
6.0
V
IO
Maximum output current
1000
mA
IO(SD)
Shutdown supply current
BATT_COVER = GND
0.1
1
µA
rDS(on)
P-channel MOSFET on-resistance
VI(MAIN) = VGS = 3.6 V
110
210
m
Ω
(1)
If the input voltage is higher than VCC, an additional input current, limited by an internal 10-kΩ resister, flows.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com