Electronic Components Datasheet Search
  English  ▼

X  

TPS65014 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65014
Description  POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65014 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65014 Datasheet HTML 13Page - Texas Instruments TPS65014 Datasheet HTML 14Page - Texas Instruments TPS65014 Datasheet HTML 15Page - Texas Instruments TPS65014 Datasheet HTML 16Page - Texas Instruments TPS65014 Datasheet HTML 17Page - Texas Instruments TPS65014 Datasheet HTML 18Page - Texas Instruments TPS65014 Datasheet HTML 19Page - Texas Instruments TPS65014 Datasheet HTML 20Page - Texas Instruments TPS65014 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
www.ti.com
APPLICATION INFORMATION
SCL
SDA
VBAT
ISET
PG
AC Adapter
USB port
SCLK
SDAT
TS
VINMAIN
L1
VMAIN
VINCORE
L2
VCORE
VINLDO1
VLDO1
VLDO2
AGND
PGND
INT
AC
USB
BATT−
BATT+
TEMP
CHARGER/REG INTERRUPT
CHARGER
POWER GOOD
VCORE 1.5 V
VMAIN 3.3 V
VMAIN
IFLSB
GND/VCC
nPOR
RESET to MPU
VFB_LDO1
LED2
VIB
VCC
RESPWRON
MPU_RESET
PWRFAIL
Battery Fail, Battery Cover
Removed, Over Temp.
TPS65014
GND
SCL
SDA
VBAT
ISET
PG
AC Adapter
USB port
SCLK
SDAT
TS
VINMAIN
L1
VMAIN
VINCORE
L2
VCORE
VINLDO1
VLDO1
VINLDO2
VLDO2
LOW_PWR
AGND
PGND
INT
AC
USB
BATT−
BATT+
TEMP
CHARGER/REG INTERRUPT
CHARGER
POWER GOOD
VCORE 1.5 V
VMAIN 3.3 V
DEFCORE
GND
IFLSB
GND/VCC
DEFMAIN
BATT_COVER
PB_ONOFF
nPOR
RESET to MPU
VFB_LDO1
LED2
VIB
VCC
PS_SEQ
GND
HOT_RESET
RESPWRON
MPU_RESET
PWRFAIL
Battery Fail, Battery Cover
Removed, Over Temp.
22
µF
X5R
10
µF
X5R
10
µH
6.2
µH
22
µF
X5R
1
µF
X5R
10 R
2.2
µF
X5R
2.2
µF
X5R
1
µF
X5R
VBAT
VBAT
VBAT
VBAT
VBAT
1
µF
X5R
1
µF
X5R
VMAIN
0.1
µF
0.1
µF
0.1
µF
GPIO1
GPIO2
GPIO3
GPIO4
1 MW Each
TPOR
VBAT
TPS65014
SLVS551 – DECEMBER 2004
Figure 25. Typical Application Circuit
The VCORE and VMAIN converter are always enabled in a typical application. The VCORE output voltage can
be disabled or reduced from 1.5 V to a lower, preset voltage under processor control. When the processor enters
the sleep mode, a high signal on the LOW_PWR pin initiates the change.
VCORE typically supplies the digital part of the audio codec. When the processor is in sleep or low power mode,
the audio codec is powered off, so the VCORE voltage can be programmed to lower voltages without a problem.
A typical audio codec (e.g., TI AIC23) consumes about 20-mA to 30-mA current from the VCORE power supply.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com