Electronic Components Datasheet Search
  English  ▼

X  

LTC4015 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4015
Description  Multichemistry Buck Battery Charger Controller with Digital Telemetry System
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4015 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4015 Datasheet HTML 9Page - Linear Technology LTC4015 Datasheet HTML 10Page - Linear Technology LTC4015 Datasheet HTML 11Page - Linear Technology LTC4015 Datasheet HTML 12Page - Linear Technology LTC4015 Datasheet HTML 13Page - Linear Technology LTC4015 Datasheet HTML 14Page - Linear Technology LTC4015 Datasheet HTML 15Page - Linear Technology LTC4015 Datasheet HTML 16Page - Linear Technology LTC4015 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
LTC4015
13
4015fb
For more information www.linear.com/LTC4015
PIN FUNCTIONS
CELLS1 (Pin 1): Number of Cells Select Pin. Three-state
pin used in combination with CELLS0 and CELLS2 to set
the total number of battery cells.
CELLS2 (Pin 2): Number of Cells Select Pin. Three-state
pin used in combination with CELLS0 and CELLS1 to set
the total number of battery cells.
DVCC (Pin 3): Logic Supply for the I2C Serial Port. DVCC
sets the reference level of the SDA and SCL pins for I2C
compliance. It must be connected to the same power
supply used to power the I2C pull up resistors. If the I2C
port is unused connect this pin to INTVCC, do not float.
SCL (Pin 4): Clock Input for the I2C Serial Port. The
I2C input levels are scaled with respect to DVCC for I2C
compliance. If the I2C port is unused connect this pin to
INTVCC, do not float.
SDA (Pin 5): Data Input/Output for the I2C serial port. The
I2C input levels are scaled with respect to DVCC for I2C
compliance. If the I2C port is unused connect this pin to
INTVCC, do not float.
SMBALERT (Pin 6): Open-Drain Interrupt Request. Pulls
low when something important needs to be reported back
to the system.
SGND(Pin7):SignalGround.Allsmallsignalcomponents
and compensation should connect to this ground, which
should be connected to PGND at a single point.
UVCLFB (Pin 8): Undervoltage Current Limit Feedback
Pin. UVCLFB can be used to reduce charge current when
the VIN pin reaches a level programmed by the user sup-
plied resistor divider. This feature can be used for power
sources with higher source impedance such as a solar
panel. Maximum charge current is tapered off when this
pin is below 1.2V, at 1.15V the charge current is zero.
UVCLFB is internally clamped to about 2.5V with 200µA
in this pin. Limit the current into this pin to 200µA at
maximum VIN using the thevenin resistance of the input
divider. If the input undervoltage current limit feature is
not desired, connect UVCLFB to 2P5VCC through a 10k
resistor or to VIN through an appropriately sized resistor.
VC (Pin 9): Current Control Threshold and Error Amplifier
Compensation Point. The current comparator threshold
increases with this control voltage. The voltage normally
ranges from 900mV to 2.4V.
RT (Pin 10): Connect a resistor from RT to GND to set
frequency of the switching power supply.
NTC (Pin 11): Thermistor Input. The NTC pin connects
to a negative temperature coefficient thermistor (Type_2)
to monitor the temperature of the battery. The voltage on
this pin is digitized by the analog to digital converter and
is available via the I2C port. The thermistor value is also
used to qualify battery charging. Connect a low drift bias
resistor from NTCBIAS to NTC and a thermistor from NTC
to ground. If NTC functions are unwanted, use a resistor
equal in value to RNTCBIAS instead of a thermistor.
NTCBIAS (Pin 12): NTC Thermistor Bias Output. Connect
a bias resistor between NTCBIAS and NTC, and a thermis-
tor between NTC and GND. The bias resistor should be
equal in value to the nominal value of the thermistor. The
LTC4015applies1.2VtothispinduringNTCmeasurement.
EQ (Pin 13): Equalize. Apply a logic signal between 1.5V
and INTVCC (5V) to this pin to allow the 4015 to trigger
lead-acid equalize mode. GND this pin if unused, do not
float.
GND (Pin 14, Exposed Pad Pin 39): Ground. The exposed
pad should be connected by multiple vias directly under
the LTC4015 to a continuous ground plane on the second
layer of the printed circuit board.
CSPM5 (Pin 15): Internal Supply Pin. The VCSPM5 pin
regulates at the higher of ground or approximately
VCSP – 5V. A low impedance multilayer ceramic capacitor
should be connected from VCSP to VCSPM5.
CCREFM (Pin 16): Coulomb Counter Reference Resis-
tor Pin. Leakage on this pin will affect Coulomb counter
accuracy. Connect a 301k, 0.1%, 25ppm resistor from
CCREFM to CCREP.
CCREFP (Pin 17): Coulomb Counter Reference Resis-
tor Pin. CCREFP in conjunction with CCREFM provide a
reference for the Coulomb counter to make an accurate
measure of charge into and out of the battery. CCREFP is
connected internally to CSP with 50Ω. Connect a 301k,
0.1%, 25ppm resistor from CCREFP to CCREM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com