Electronic Components Datasheet Search
  English  ▼

X  

LTC4015 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC4015
Description  Multichemistry Buck Battery Charger Controller with Digital Telemetry System
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4015 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC4015 Datasheet HTML 36Page - Linear Technology LTC4015 Datasheet HTML 37Page - Linear Technology LTC4015 Datasheet HTML 38Page - Linear Technology LTC4015 Datasheet HTML 39Page - Linear Technology LTC4015 Datasheet HTML 40Page - Linear Technology LTC4015 Datasheet HTML 41Page - Linear Technology LTC4015 Datasheet HTML 42Page - Linear Technology LTC4015 Datasheet HTML 43Page - Linear Technology LTC4015 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
LTC4015
40
4015fb
For more information www.linear.com/LTC4015
OPERATION
In order to achieve a qLSB of at least 0.385C, QCOUNT_
PRESCALE_FACTOR must be at least qLSB • (KQC •
RSNSB) = 0.385 • (8333.33 • 0.005). Doubling (to allow
for margin) and rounding to the nearest integer gives
QCOUNT_PRESCALE_FACTOR = 32.
The initial state of charge (SOC) of the battery is known
to be approximately 25%. Given that the QCOUNT_
PRESCALE_FACTOR = 32 has now been set for ap-
proximatelytwicethecapacityofthebattery,thedesired
valid range of QCOUNT is from 16384 (to represent 0%
SOC) to 49152 (to represent 100% SOC). The value of
QCOUNT is thus initialized to (32768 • 0.25) + 16384
= 24576 to represent the approximate 25% initial SOC.
In this case, the SOC of the battery at any time can be
calculated as 100% • (QCOUNT–16384)/32768.
Upon the first termination (c_over_x_term=1 or
timer_term=1), the battery is known to be very near
100% SOC, so the value of QCOUNT can be calibrated
accordingly. For example, if the initial state of charge
wasactually23%insteadoftheexpected25%,termina-
tion will occur when QCOUNT is approximately 49806.
Upon the first termination, the value of QCOUNT is over
written to 49152 to calibrate QCOUNT to the true SOC
of the battery.
EXAMPLE: Coulomb Counter Charge Termination
The Coulomb counter alert limits can be used to imple-
ment a maximum state of charge termination algorithm.
The following example demonstrates such a procedure:
1) Set the Coulomb counter register (QCOUNT) to the
battery's initial state of charge, and set QCOUNT_
PRESCALE_FACTOR based on the battery capacity, as
indicated in the example above.
2) SetQCOUNT_HI_ALERT_LIMITtothedesiredmaximum
stateofchargeofthebattery(e.g. QCOUNT_HI_ALERT_
LIMIT = 49152)
3) Set en_qcount_hi_alert=1
4) If the battery charges enough that QCOUNT exceeds
QCOUNT_HI_ALERT_LIMIT, the LTC4015 will issue
an SMBALERT and set qcount_hi_alert=1. After
completing the alert response algorithm and verifying
that the LTC4015 is issuing qcount_hi_alert=1, set
suspend_charger=1 to stop the battery from charging.
At this time, write QCOUNT_LO_ALERT_LIMIT to a
lower level corresponding to a recharge threshold
(e.g. QCOUNT_LO_ALERT_LIMIT = 0.95 • QCOUNT_
HI_ALERT_LIMIT) and set en_qcount_lo_alert=1 and
en_qcount_hi_alert=0.
5) When the battery discharges enough that QCOUNT falls
below QCOUNT_LO_ALERT_LIMIT, the LTC4015 will
issue an SMBALERT and set qcount_lo_alert=1. After
completing the alert response algorithm and verifying
that the LTC4015 is issuing qcount_lo_alert=1, set
en_qcount_lo_alert=0, en_qcount_hi_alert=1, and
suspend_charger=0toallowthebatterytochargeagain.
Step Down Switching Charger Controller
The LTC4015’s primary power path is a fully synchronous
stepdownswitchingchargercontroller.DuetoitsallNMOS
design, a diode and capacitor are required to provide high
side boosted drive. Taking error signals from four control
loops simultaneously, the feedback paths are externally
compensated with a RC network connected to the VC pin.
The switching controller is designed to charge single or
multiplebatteries.Normalchargingproceedsataconstant-
current until the batteries reach their target voltage. The
maximum charge current is determined by the value of
the sense resistor, RSNSB, usedinserieswiththeinductor.
The charge current loop servos the voltage across RSNSB
to the value determined by ICHARGE_DAC.
When charging is enabled an internal soft-start will ramp
up the charge current from zero to ICHARGE_TARGET.
Both the battery voltage and charge current can be read
back over I2C. The LTC4015 provides constant power
charging by limiting input current drawn by the switching
controller. The input current limit will reduce charge
current to limit the voltage across the input sense resistor,
RSNSI, to IIN_LIMIT_SETTING. If the combined system
load plus battery charge current is large enough to cause
the switching controller to reach the programmed input
current limit, the input current limit loop will reduce the
charge current. Even if the charge current is programmed
to exceed the allowable input current, the input current
will not be violated; the charger will reduce its current
as needed. The input current can be read back over I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com