Electronic Components Datasheet Search
  English  ▼

X  

LTC4015 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4015
Description  Multichemistry Buck Battery Charger Controller with Digital Telemetry System
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4015 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4015 Datasheet HTML 18Page - Linear Technology LTC4015 Datasheet HTML 19Page - Linear Technology LTC4015 Datasheet HTML 20Page - Linear Technology LTC4015 Datasheet HTML 21Page - Linear Technology LTC4015 Datasheet HTML 22Page - Linear Technology LTC4015 Datasheet HTML 23Page - Linear Technology LTC4015 Datasheet HTML 24Page - Linear Technology LTC4015 Datasheet HTML 25Page - Linear Technology LTC4015 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
LTC4015
22
4015fb
For more information www.linear.com/LTC4015
OPERATION
ICL, UVCL, ICHARGE and VCHARGE DACS
The LTC4015 has four DAC’s for setting target values of:
1. Maximum battery charge voltage (VCHARGE_
SETTING)
2. Maximum battery charge current (ICHARGE_
TARGET)
3. Minimuminputvoltage,UVCL(VIN_UVCL_SETTING)
4. Maximum input current (IIN_LIMIT_SETTING)
The user can program the target values only with the I2C
port.TheLTC4015usesthetargetvaluesasastartingpoint,
the charging algorithms calculate the actual values to be
applied to the DACs to support functions such as Li-Ion
precharge, absorb and equalize charge voltage adders,
MPPT, lead-acid charge voltage temperature compensa-
tion, and charger soft starting.
The target value register is read/write, the actual value
register is read only. In the case of the UVCL register,
minimum input voltage is scaled by external resistors.
For further information see the Register Description and
Battery Charging sections.
JEITA temperature controlled charging does not use
VCHARGE_SETTING or ICHARGE_TARGET for setting
target values, see JEITA Temperature Controlled Charging
section for further information.
Charging Timers
There are a total of four timers in the LTC4015 used in the
charging algorithms. Timers are 16-bit, and measure time
in seconds. 216 = 65535 seconds or 18.2 hours maximum.
Each timer has current value (read only) and a timeout
value (read/write):
TIMED
PARAMETER
CURRENT
VALUE
TIMEOUT
VALUE
APPLICABLE
CHEMISTRIES
Constant-Voltage
State Time
CV_TIMER (0x31) MAX_CV_TIME
(0x1D)
Lithium
Chemistries
Maximum Total
Charge Time
MAX_CHARGE_
TIMER (0x30)
MAX_CHARGE_
TIME (0x1E)
Lithium
Chemistries
Maximum
Absorb Charge
Time
ABSORB_TIMER
(0x32)
MAX_ABSORB_
TIME (0x2B)
LiFeP04,
Lead-Acid
Maximum
Equalize Charge
Time
EQUALIZE_
TIMER (0x33)
EQUALIZE_TIME
(0x2D)
Lead-Acid
Low Power Ship Mode
The LTC4015 can reduce its already low standby current
to approximately 5μA in a special mode designed for
shipment and storage. Ship mode is armed by setting the
ARM_SHIP_MODE register to 0x534D (ASCII for SM) via
the serial port. Note that once armed, ship mode cannot
be disarmed (the ARM_SHIP_MODE register cannot be
clearedoncesetto0x534D).Oncearmed,shipmodetakes
The Target and Actual Registers as Well as the DAC Size are Shown Below:
FUNCTION
TARGET VALUE REGISTER
ACTUAL VALUE REGISTER
NAME
HEX ADDRESS
(SIZE)
DEFAULT
NAME
HEX ADDRESS
(SIZE)
DEFAULT
Input Current Limit
IIN_LIMIT_SETTING
0x15(5:0)
0x3F
IIN_LIMIT_DAC
0x46(5:0)
0x3F
Battery Charge Voltage
VCHARGE_SETTING
0x1B(5:0)1
0x3F
VCHARGE_DAC
0x45(5:0)
0x3F
Minimum Input Voltage
(UVCL)
VIN_UVCL_SETTING
0x16(8:0)
0xFF
Scaled by External
Resistors
Battery Charge Current
ICHARGE_TARGET
0x1A(4:0)
0x1F
ICHARGE_DAC
0x44(4:0)
0x1F
1 Lithium chemistries = 5b (4:0), lead-acid chemistry = 6b (5:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com