Electronic Components Datasheet Search
  English  ▼

X  

LTC4015 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4015
Description  Multichemistry Buck Battery Charger Controller with Digital Telemetry System
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4015 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4015 Datasheet HTML 16Page - Linear Technology LTC4015 Datasheet HTML 17Page - Linear Technology LTC4015 Datasheet HTML 18Page - Linear Technology LTC4015 Datasheet HTML 19Page - Linear Technology LTC4015 Datasheet HTML 20Page - Linear Technology LTC4015 Datasheet HTML 21Page - Linear Technology LTC4015 Datasheet HTML 22Page - Linear Technology LTC4015 Datasheet HTML 23Page - Linear Technology LTC4015 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
LTC4015
20
4015fb
For more information www.linear.com/LTC4015
OPERATION
Table 2. Shows a Summary of LTC4015 Charger State Alerts.
Each Alert Has an Associated Enable (or Mask), and Bit That Is
Set to 1 to Indicate the Alert Has Occurred.
CHARGER STATE ALERTS
ALERT ENABLE
BITS (0x0E)
ALERT
REPORTING
BITS (0x37)
Equalize
10
10
Absorb
9
9
Charger Suspended
8
8
Precharge
7
7
CC_CV
6
6
NTC Pause
5
5
Timer Termination
4
4
C/x Termination
3
3
Max Charge Time Fault
2
2
Battery Missing Fault
1
1
Battery Short Fault
0
0
Table 3. Shows a Summary of LTC4015 Charger Status Alerts.
These Alerts Indicate Which Control Loop Is in Control During
Charging. Each Alert Has an Associated Enable (or Mask), and
Bit That Is Set to 1 to Indicate the Alert Has Occurred.
CHARGER STATUS ALERTS
ALERT
ENABLE BITS
(0x0F)
ALERT
REPORTING
BITS (0x38)
UVCL (VIN Undervoltage Charge Current
Limiting)
3
3
ICL (IIN Charge Current Limiting)
2
2
CC (Constant-Current Mode)
1
1
CV (Constant-Voltage Mode)
0
0
Measurement Subsystem
The LTC4015 includes a 14-bit analog-to-digital converter
(ADC) and signal channel multiplexer to monitor several
analog parameters. It can measure the voltages at VIN,
SYS and BATSENS, the current into the SYS node (voltage
across RSNSI), the battery charge current (voltage across
RSNSB), the voltage across the battery pack thermistor,
and its own internal die temperature. After a charge
cycle begins the LTC4015 uses the appropriate analog
parameterstocalculatetheseriesresistanceofthebattery.
To save battery power the measurement system will not
run if the battery is the only source of power, unless the
force_meas_sys_on bit is set.
The converter is automatically multiplexed between all
of the measured channels and its results are stored in
registers accessible via the I2C port.
The seven channels measured by the ADC each take ap-
proximately 1.6ms to measure. The result of the analog-
to-digital conversion is stored in a 16-bit register as a
signed, two’s complement number. The lower two bits
of this number are sub-bits. These bits are ADC outputs
which are too noisy to be reliably used on any single
conversion, however, they may be included if multiple
samples are averaged. The maximum range of the ADC
is ±1.8V, which gives a LSB size of 3.6V/65535 (216 – 1).
Table 4 summarizes the LSB scaling and resultant LSB
size for these ADC measurements.
Table 4. Measurement Subsystem Scaling and LSB Size
ADC LSB (3.6V/65535) =
54.932479
µV
MEASUREMENT
REGISTER
SYMBOL
REGISTER
NUMBER
LSB SCALING
LSB SIZE
UNITS
VBATSENS/Cellcount (Lithium Chemistries)
VBAT
0x3A
*7/2
192.264
µV
VBATSENS/Cellcount (Lead-Acid)
VBAT
0x3A
*7/3
128.176
µV
VIN
VIN
0x3B
*30
1.648
mV
VSYS
VSYS
0x3C
*30
1.648
mV
VRSNSB (VCSP – VCSN)
IBAT
0x3D
/37.5
1.465
µV
VRSNSI (VCLP – VCLN)
IIN
0x3E
/37.5
1.465
µV
Die Temperature (Note 1)
DIE_TEMP
0x3F
1
54.932
µV
Note 1: DIE_TEMP is the ADC conversion of a internal PTAT (proportional to absolute temperature) voltage. DIE temperature = (DIE_TEMP – 12010)/45.6
in °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com