Electronic Components Datasheet Search
  English  ▼

X  

LTC4121 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4121
Description  40V 400mA Synchronous Step-Down Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4121 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4121 Datasheet HTML 18Page - Linear Technology LTC4121 Datasheet HTML 19Page - Linear Technology LTC4121 Datasheet HTML 20Page - Linear Technology LTC4121 Datasheet HTML 21Page - Linear Technology LTC4121 Datasheet HTML 22Page - Linear Technology LTC4121 Datasheet HTML 23Page - Linear Technology LTC4121 Datasheet HTML 24Page - Linear Technology LTC4121 Datasheet HTML 25Page - Linear Technology LTC4121 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC4121/LTC4121-4.2
22
4121fc
For more information www.linear.com/LTC4121
Calculating IC Power Dissipation
The user should ensure that the maximum rated junction
temperatureisnotexceededunderalloperatingconditions.
The thermal resistance of the LTC4121 package (θJA) is
54°C/W; provided that the Exposed Pad is in good thermal
contact with the PCB. The actual thermal resistance in the
application will depend on the forced air cooling and other
heat sinking means, especially the amount of copper on
the PCB to which the LTC4121 is attached. The actual
power dissipation while charging is approximated by the
following formula:
PD = VIN − VBAT
(
)•ITRKL
+ VIN •IIN(SWITCHING)
+RSNS •I
2
CHG
+RDSON(TOP) •
VBAT
VIN
 •I2CHG
+RDSON(BOT) • 1−
VBAT
VIN
 •I2CHG
During trickle charge (VBAT < VTRKL) the power dissipation
may be significant as ITRKL is typically 10mA, however
during normal charging the ITRKL term is zero. ITRKL is
alsozeroifVBATapproachesINTVCC,sinceITRKLissourced
from the INTVCC LDO.
The junction temperature can be estimated using the fol-
lowing formula:
TJ = TA + PD • ΘJA.
where TA is the ambient operating temperature.
APPLICATIONS INFORMATION
PCB Layout
To prevent magnetic and electrical field radiation and
high frequency resonant problems, proper layout of the
components connected to the LTC4121 is essential. For
maximum efficiency, the switch node rise and fall times
should be minimized. The following PCB design priority
list will help insure proper topology. Layout the PCB using
the guidelines listed below in this specific order:
1. VINinputcapacitorshouldbeplacedascloseaspossible
to the IN pin with the shortest copper traces possible.
The ground return of the input capacitor should be
connected to a solid ground plane.
2. Place the inductor as close as possible to the SW
pin. Minimize the surface area of the SW pin node.
Make the trace width the minimum needed to support
the programmed charge current, and ensure that the
spacing to other copper traces be maximized to reduce
capacitance from the SW node to any other node.
3. Place the BAT capacitor adjacent to the BAT pin and
ensure that the ground return feeds to the solid ground
plane.
4. Routeanalogground(RUNpindividergroundedresistor,
the MPPT pin divider, and INTVCC capacitor ground) to
the solid ground plane.
5. It is important to minimize parasitic capacitance on
the PROG pin. The trace connecting to this pin should
be as short as possible with extra wide spacing from
adjacent copper traces.
6. Keep the GND capacitance of the MPPT pin to a mini-
mum, and reduce coupling from the MPPT pin to any
of the switching pins (SW, BOOST, and CHGSNS) by
routing the MPPT trace away from these signals.
Maximize the copper area connected to the exposed pad.
Place via connections directly under the exposed pad to
connect a large copper ground plane to the LTC4121 to
improve heat transfer.
Example PCB layout files of the LTC4121 are available at
the following link:
http://www.linear.com/product/LTC4121#demoboards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com