Electronic Components Datasheet Search
  English  ▼

X  

LTC4121 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4121
Description  40V 400mA Synchronous Step-Down Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4121 Datasheet(HTML) 3 Page - Linear Technology

  LTC4121 Datasheet HTML 1Page - Linear Technology LTC4121 Datasheet HTML 2Page - Linear Technology LTC4121 Datasheet HTML 3Page - Linear Technology LTC4121 Datasheet HTML 4Page - Linear Technology LTC4121 Datasheet HTML 5Page - Linear Technology LTC4121 Datasheet HTML 6Page - Linear Technology LTC4121 Datasheet HTML 7Page - Linear Technology LTC4121 Datasheet HTML 8Page - Linear Technology LTC4121 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC4121/LTC4121-4.2
3
4121fc
For more information www.linear.com/LTC4121
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = VRUN = 15V, VCHGSNS = VBAT = 4V, RPROG = 3.01k,
VFB = 2.29V (LTC4121), VBATSNS = 4V (LTC4121-4.2). Current into a pin is positive out of a pin is negative. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Supply Range
l
4.4
40
V
Battery Voltage Range
LTC4121 (Note 3)
0
18
V
LTC4121-4.2
0
4.2
V
IIN
DC Supply Current
Switching: FREQ = GND
3.5
mA
Standby Mode: (Note 4)
l
142
260
µA
Sleep Mode: (Note 4)
LTC4121-4.2: VBATSNS =
4.4V
LTC4121: VFB = 2.51V (Note
6)
l
60
110
µA
Disabled Mode: VSD < VRUN < VEN (Note 4)
l
37
80
µA
Shutdown Mode: (Note 4)
l
20
40
µA
∆VDUVLO
Differential Undervoltage Lockout
VIN – VBAT Falling, VIN = 5V (LTC4121)
VIN – VBATSNS Falling, VIN = 5V (LTC4121-4.2)
l
20
80
160
mV
Hysteresis
VIN – VBAT Rising, VIN = 5V (LTC4121)
VIN – VBATSNS Rising, VIN = 5V (LTC4121-4.2)
115
mV
UVINTVCC
INTVCC Undervoltage Lockout (Note 5)
INTVCC Rising, VIN = INTVCC + 100mV
l
4.00
4.15
4.26
V
Hysteresis
INTVCC Falling
220
mV
Battery Charger
IBAT
BAT Standby Current
Standby Mode (LTC4121) (Notes 4, 8, 9)
Standby Mode (LTC4121-4.2) (Notes 4, 8, 9)
l
l
2.5
50
4.5
1000
µA
nA
BAT Shutdown Current
Shutdown Mode (LTC4121) (Notes 4, 8, 9)
Shutdown Mode (LTC4121-4.2) (Notes 4, 8, 9)
l
l
1100
10
2000
1000
nA
nA
IBATSNS
BATSNS Standby Current (LTC4121-4.2)
Standby Mode (Notes 4, 8, 9)
l
5.4
10
µA
BATSNS Shutdown Current (LTC4121-4.2) Shutdown Mode (Notes 4, 8, 9)
l
1100
2000
nA
IFB
Feedback Pin Bias Current (LTC4121)
VFB = 2.5V (Note 6)
l
25
60
nA
IFBG_LEAK
Feedback Ground Leakage Current
(LTC4121)
Shutdown Mode (Note 4)
l
1
µA
RFBG
Feedback Ground Return Resistance
(LTC4121)
l
1000
2000
Ω
VFB(REG)
Feedback Pin Regulation Voltage
(LTC4121)
(Note 6)
2.393
2.400
2.407
V
l
2.370
2.418
V
VFLOAT
Regulated Float Voltage (LTC4121-4.2)
4.188
4.200
4.212
V
l
4.148
4.231
V
ICHG
Battery Charge Current
RPROG = 3.01k
l
383
402
421
mA
RPROG = 24.3k
l
45
50
55
mA
VRCHG
Battery Recharge Threshold
VFB Falling Relative to VFB(REG) (LTC4121)
l
–38
–49
–62
mV
VRCHG_4.2
VBATSNS Falling Relative to VFLOAT (LTC4121-4.2)
l
–70
–93
–114
mV
hPROG
Ratio of BAT Current to PROG Current
VTRKL < VFB < VFB(REG) (LTC4121),
VTRKL_42 < VBATSNS < VFLOAT (LTC4121-4.2)
988
mA/mA
VPROG
PROG Pin Servo Voltage
l
1.206
1.227
1.248
V
RSNS
CHGSNS-BAT Sense Resistor
IBAT = –100mA
300
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com