Electronic Components Datasheet Search
  English  ▼

X  

LTC5548 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5548
Description  2GHz to 14GHz Microwave Mixer with Low IF Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5548 Datasheet(HTML) 1 Page - Linear Technology

  LTC5548 Datasheet HTML 1Page - Linear Technology LTC5548 Datasheet HTML 2Page - Linear Technology LTC5548 Datasheet HTML 3Page - Linear Technology LTC5548 Datasheet HTML 4Page - Linear Technology LTC5548 Datasheet HTML 5Page - Linear Technology LTC5548 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2461af
DEMO MANUAL DC2461A
Description
Absolute MAxiMuM input
rAtings
LTC5548
2GHz to 14GHz Microwave
Mixer with Low IF Frequency
Demonstration circuit 2461A is optimized for evaluation
of the LTC®5548 passive double-balanced mixer with
integrated LO frequency doubler. Its RF port is matched
to 50Ω from 2GHz to 13.6GHz with 9dB return loss, and
the LO port is matched to 50Ω from 1GHz to 12GHz with
10dB return loss. The differential IF port is usable from
DC to 6GHz. The LTC5548 can be used for upconverting
and downconverting applications.
The internal LO doubler can be enabled to allow operation
with a lower frequency LO input signal such as that from
the LTC6945/LTC6946 or LTC6947/LTC6948 family of
frequency synthesizers.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2461A
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
boArD lAyout
Figure 1. DC2461A
Supply Voltage (EN)....................................................4V
Enable Input Voltage (EN) ................–0.3V to VCC + 0.3V
LO Input Power (1GHz to 12GHz) .........................10dBm
LO Input DC Voltage............................................... ±0.1V
RF Input Power (2GHz to 14GHz).........................20dBm
RF Input DC Voltage............................................... ±0.1V
IF Input Power (LF to 6GHz).................................20dBm
IF Input DC Voltage ................................................ ±0.1V
Operating Temperature Range (TC)........ –40°C to 105°C
Junction Temperature (TJ) .................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Caution: This part is sensitive to electrostatic discharge
(ESD). Observe proper ESD precautions when handling
the LTC5548.


Similar Part No. - LTC5548

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC5548 AD-LTC5548 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
LTC5548 AD-LTC5548 Datasheet
2Mb / 32P
300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
06/18-REV.A
More results

Similar Description - LTC5548

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR14B SIEMENS-BFR14B Datasheet
142Kb / 5P
NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
BFR14C SIEMENS-BFR14C Datasheet
122Kb / 4P
NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
logo
RF Micro Devices
RF3334 RFMD-RF3334 Datasheet
232Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
logo
Gunter Seniconductor Gm...
TFF2207T GSG-TFF2207T Datasheet
114Kb / 4P
2GHz RF Mixer
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5549 LINER-LTC5549 Datasheet
276Kb / 6P
2GHz to 14GHz Passive Bidirectional Mixer
LTC5552 LINER-LTC5552 Datasheet
1Mb / 18P
3GHz to 20GHz Microwave Mixer with Wideband DC to 6GHz IF
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com