Electronic Components Datasheet Search
  English  ▼

X  

LTC5548 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5548
Description  2GHz to 14GHz Microwave Mixer with Low IF Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5548 Datasheet(HTML) 3 Page - Linear Technology

  LTC5548 Datasheet HTML 1Page - Linear Technology LTC5548 Datasheet HTML 2Page - Linear Technology LTC5548 Datasheet HTML 3Page - Linear Technology LTC5548 Datasheet HTML 4Page - Linear Technology LTC5548 Datasheet HTML 5Page - Linear Technology LTC5548 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2461af
DEMO MANUAL DC2461A
Quick stArt proceDure
notes on test eQuipMent AnD setup
• Highperformancesignalgeneratorswithlowharmonic
outputs should be used for 2-tone measurements.
Otherwise, low pass filters at the signal generator
outputs should be used to suppress harmonics.
• High quality combiners should be used to present
a broadband 50Ω termination on all ports as well
as provide good port-to-port isolation. Adding at-
tenuator pads further improves source isolation and
helps prevent the signal generators from producing
intermodulation products.
• Spectrum analyzers can produce significant internal
distortion products if they are overdriven. Generally,
spectrum analyzers are designed to operate at their
best with about –30dBm to –40dBm at their input. The
spectrum analyzer’s input attenuation setting should
be used to avoid saturating the instrument.
• Set the spectrum analyzer’s input attenuation depend-
ing on the spectrum analyzer used.
• Before performing measurements on the DUT, the
systemperformanceshouldbeevaluatedtoensurethat
a clean input signal is obtained and that the spectrum
analyzer’s internal distortion is minimized.
1. Connect all test equipment as shown in Figure 2.
2. Set the power supply output voltage to 3.3V, and set
the current limit to 200mA.
3. Connect the ground and VCC turrets to the power sup-
ply. BE SURE TO CONNECT THE VCC TURRET BEFORE
THE EN TURRET TO ENSURE THAT THE PART DOES
NOT GET DAMAGED. ALSO, REMOVE POWER FROM
EN TURRET BEFORE REMOVING POWER FROM THE
VCC TURRET.
4. Connect the EN turret to the power supply.
5. Set the LO signal generator to provide a 5560MHz CW
signal at about 0dBm to the demo board’s LO port.
6. Set the RF signal generators to provide one 5799MHz
CW signal and one 5801MHz CW signal. The signals
should be applied to the 2-way combiner. The output
of the combiner should be applied to the demo board’s
RF input port. The two tones should be set to –5dBm
each at the mixer’s RF input port.
7. Setthespectrumanalyzer’scenterfrequencyto240MHz
with a span of 10MHz.
8. Perform various measurements
(Conversion Gain, OIP3, LO leakage, etc.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com