Electronic Components Datasheet Search
  English  ▼

X  

LTC5548 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5548
Description  2GHz to 14GHz Microwave Mixer with Low IF Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5548 Datasheet(HTML) 5 Page - Linear Technology

  LTC5548 Datasheet HTML 1Page - Linear Technology LTC5548 Datasheet HTML 2Page - Linear Technology LTC5548 Datasheet HTML 3Page - Linear Technology LTC5548 Datasheet HTML 4Page - Linear Technology LTC5548 Datasheet HTML 5Page - Linear Technology LTC5548 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
dc2461af
DEMO MANUAL DC2461A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
scheMAtic DiAgrAM
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A


VCC
E4

J3
IF
T1


6
3
4
1
2
C5
1uF

J2
LO
E2
GND
E3

J1
RF
C2
22pF
U1
LTC5548
GND
4
RF
5
GND
6
GND
10
LO
11
GND
12
GND
13
C1
0.15pF
E1
Vcc

C3
0.15pF
C4
22pF
1
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com