Electronic Components Datasheet Search
  English  ▼

X  

LTC5548 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5548
Description  2GHz to 14GHz Microwave Mixer with Low IF Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5548 Datasheet(HTML) 4 Page - Linear Technology

  LTC5548 Datasheet HTML 1Page - Linear Technology LTC5548 Datasheet HTML 2Page - Linear Technology LTC5548 Datasheet HTML 3Page - Linear Technology LTC5548 Datasheet HTML 4Page - Linear Technology LTC5548 Datasheet HTML 5Page - Linear Technology LTC5548 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc2461af
DEMO MANUAL DC2461A
pArts list
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
2
C1, C3
CAP, 0.15pF, 100V, ±0.01pF, 0402
AVX, 04021JR15ZBS
2
2
C2, C4
CAP, 22pF, C0G, 50V, 5%, 0402
AVX, 04025A220JAT2A
3
1
C5
CAP, 1µF, X7R, 10V, 10%, 0603
AVX, 0603ZD105KAT2A
4
4
E1 TO E4
TEST POINT, TURRET, 0.061" MTG HOLE
MILL-MAX, 2308-2-00-80-00-00-07-0
5
3
J1 TO J3
CONN, SMA 50Ω EDGE-LAUNCH
E F JOHNSON, 142-0701-851
6
1
T1
TRANS, MINI-CIRCUITS 4.5MHz TO 3000MHz
MINI-CIRCUITS TC1-1-13M+
7
1
U1
IC LTC5548IUDB, QFN 12 PIN, 3mm × 2mm
LINEAR TECHNOLOGY CORPORATION, LTC5548IUDB#PBF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com