Electronic Components Datasheet Search
  English  ▼

X  

LTC7003 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7003
Description  Fast 60V Protected High Side NMOS Static Switch Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7003 Datasheet(HTML) 1 Page - Linear Technology

  LTC7003 Datasheet HTML 1Page - Linear Technology LTC7003 Datasheet HTML 2Page - Linear Technology LTC7003 Datasheet HTML 3Page - Linear Technology LTC7003 Datasheet HTML 4Page - Linear Technology LTC7003 Datasheet HTML 5Page - Linear Technology LTC7003 Datasheet HTML 6Page - Linear Technology LTC7003 Datasheet HTML 7Page - Linear Technology LTC7003 Datasheet HTML 8Page - Linear Technology LTC7003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC7003
1
7003f
For more information www.linear.com/LTC7003
VIN = 60V
20ns/DIV
VINP
2V/DIV
VLOAD
20V/DIV
7003 TA01b
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Fast 60V Protected
High Side NMOS Static Switch Driver
The LTC®7003 is a fast high side N-channel MOSFET
gate driver that operates from input voltages up to 60V.
It contains an internal charge pump that fully enhances an
external N-channel MOSFET switch, allowing it to remain
on indefinitely.
Its powerful driver can easily drive large gate capacitances
with very short transition times, making it well suited for
both high frequency switching applications or static switch
applications that require a fast turn-on and/or turn-off time.
When an internal comparator senses that the switch
current has exceeded a preset level, a fault flag is asserted
and the switch is turned off after a period of time set by
an external timing capacitor. After a cooldown period, the
LTC7003 automatically retries.
The LTC7003 is available in the thermally-enhanced
16-lead MSOP package.
High Side Switch with 100% Duty Cycle and Overcurrent Protection
Turn-On Transient Waveform
n
Wide Operating VIN: 3.5V to 60V
n
1Ω Pull-Down, 2.2Ω Pull-Up for Fast Turn-On and
Turn-Off Times with 35ns Propagation Delays
n
Internal Charge Pump for 100% Duty Cycle
n
Short-Circuit Protected
n
Adjustable Current Trip Threshold
n
Current Monitor Output
n
Automatic Restart Timer
n
Open-Drain Fault Flag
n
Adjustable Turn-On Slew Rate
n
Gate Driver Supply from 3.5V to 15V
n
Adjustable VIN Undervoltage and Overvoltage
Lockouts
n
Adjustable Driver Supply VCC Undervoltage Lockout
n
Low Shutdown Current: 1µA
n
CMOS Compatible Input
n
Thermally Enhanced, High Voltage Capable 16-Lead
MSOP Package
APPLICATIONS
n
Static Switch Driver
n
Load and Supply Switch Driver
n
Electronic Valve Driver
n
High Frequency High Side Gate Driver
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. All other trademarks are the property of their respective owners.
1µF
0.1µF
100k
1nF
0.007
VIN
3.5V TO 60V
LOAD
3.5V TO 60V
3A CONTINOUS MAX
7003 TA01a
VIN
VCC
FAULT
TIMER
INP
SNS+
SNS–
BST
TGUP
TGDN
TS
LTC7003
VCCUV
OVLO
GND
RUN
PINS NOT USED IN THIS CIRCUIT:
IMON
ISET
OFF ON


Similar Part No. - LTC7003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7003 AD-LTC7003 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
More results

Similar Description - LTC7003

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS41K0S-ME-N INFINEON-BTS41K0S-ME-N Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.1, 2012-05-08
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-P INFINEON-ITS4200S-ME-P Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
logo
Linear Technology
LTC7000 LINER-LTC7000 Datasheet
1Mb / 28P
Fast 150V Protected High Side NMOS Static Switch Driver
LTC7001 LINER-LTC7001 Datasheet
1Mb / 16P
Fast 150V High Side NMOS Static Switch Driver
LTC7004 LINER-LTC7004 Datasheet
596Kb / 18P
Fast 60V High Side NMOS Static Switch Driver
logo
Analog Devices
LTC7000 AD-LTC7000 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC7000A AD-LTC7000A Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com