Electronic Components Datasheet Search
  English  ▼

X  

LTC7003 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC7003
Description  Fast 60V Protected High Side NMOS Static Switch Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7003 Datasheet(HTML) 5 Page - Linear Technology

  LTC7003 Datasheet HTML 1Page - Linear Technology LTC7003 Datasheet HTML 2Page - Linear Technology LTC7003 Datasheet HTML 3Page - Linear Technology LTC7003 Datasheet HTML 4Page - Linear Technology LTC7003 Datasheet HTML 5Page - Linear Technology LTC7003 Datasheet HTML 6Page - Linear Technology LTC7003 Datasheet HTML 7Page - Linear Technology LTC7003 Datasheet HTML 8Page - Linear Technology LTC7003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC7003
5
7003f
For more information www.linear.com/LTC7003
TYPICAL PERFORMANCE CHARACTERISTICS
Total Supply Current
vs VIN Voltage
Driver On Resistance
vs VBST-TS Voltage
Charge Pump No-Load Output
Voltage vs VTS
Charge Pump Load Regulation
Charge Pump Output Current
vs VTS
∆VTH vs Temperature
RUN and OVLO Threshold
Voltages vs Temperature
VCCUV Lockout vs Temperature
Driver On Resistance
vs Temperature
VBST–TS = 13V
VSNS+=VIN
VCCUV=OPEN
VCCUV = 0V
SHUTDOWN
SLEEP
ON
VIN VOLTAGE (V)
0
15
30
45
60
0
20.0
40.0
60.0
80.0
100.0
7003 G01
IBST = 0µA
VCC = 4V
VCC = 5V
VCC = 6V
VCC = 7V
VCC ≥ 8V
VTS (V)
0
5
10
15
20
0
2
4
6
8
10
12
14
7003 G03
VCCUV = 0V
TGUP
TGDN
VBST-TS (V)
3
6
9
12
15
0
1
2
3
4
5
6
7003 G02
VCC = 4V
VTS = 4V
VTS = 6V
VTS = 8V
VTS = 10V
VTS = 12V
IBST (µA)
0
–20
–40
–60
–80
–1
1
3
5
7
9
11
13
15
7003 G04
VCC = 7V
VBST–TS = 10V
25°C
150°C
VTS (V)
0
15
30
45
60
–45.0
–35.0
–25.0
–15.0
–5.0
5.0
7003 G05
ISET = 0V
ISET = OPEN
ISET = 1.2V
ISET = 1.5V
TEMPERATURE (°C)
–50
0
50
100
150
0
10
20
30
40
50
60
70
80
7003 G06
RISING
FALLING
TEMPERATURE (°C)
–50
0
50
100
150
1.05
1.10
1.15
1.20
1.25
7003 G07
VCCUV = OPEN
RISING
FALLING
TEMPERATURE (°C)
–50
0
50
100
150
5.0
5.5
6.0
6.5
7.0
7.5
8.0
7003 G08
VBST–TS = 12V
TGUP
TGDN
TEMPERATURE (°C)
–50
0
50
100
150
0
1
2
3
4
7003 G09
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com