Electronic Components Datasheet Search
  English  ▼

X  

LTC7003 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC7003
Description  Fast 60V Protected High Side NMOS Static Switch Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7003 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC7003 Datasheet HTML 16Page - Linear Technology LTC7003 Datasheet HTML 17Page - Linear Technology LTC7003 Datasheet HTML 18Page - Linear Technology LTC7003 Datasheet HTML 19Page - Linear Technology LTC7003 Datasheet HTML 20Page - Linear Technology LTC7003 Datasheet HTML 21Page - Linear Technology LTC7003 Datasheet HTML 22Page - Linear Technology LTC7003 Datasheet HTML 23Page - Linear Technology LTC7003 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC7003
22
7003f
For more information www.linear.com/LTC7003
TYPICAL APPLICATIONS
Average Current Trip
0.1µF
0.1µF
2
1
8
5
4
3
7
6
SNS+
SNS–
TGUP
TGDN
VIN
RUN
INP
7003 TA06a
LTC7003
LTC1541
0.06
SI7852ADP
LOAD
3.5V TO 60V
<1A AVERAGE
VIN
3.5V TO 60V
100k
+
–
+– 1.2V
1µF
RB
D
Q
500k
AMPOUT
400k
150k
3.3V
3.3V
VINP
GND
FAULT
VCC
VCCUV
TIMER
OVLO
1µF
BST
TS
IMON
ISET
VIN = 12V
Response to 1.2A Load Step
250ms/DIV
ILOAD
1A/DIV
VIMON
1V/DIV
VAMPOUT
2V/DIV
VLOAD
10V/DIV
7003 TA06b
4.7µF
0.47µF
LOAD
15mF
7V TO 30V
100nF
1µF
47µF
+ 1µF
SNS+
SNS–
TGUP
TGDN
BST
TS
IMON
ISET
RUN
VIN
VCC
VCCUV
FAULT
OVLO
INP
TIMER
7003 TA07
LTC7003
0.003
IPB020N10N5
VIN
7V TO 30V
(60V TOLERANT)
12.1k
294k
100k
220k
10
BAS30
GND
ON
OFF
High Side Switch with Auto-Retry, Inrush Control and OVLO
Turn-On Response
VIN = 24V
100ms/DIV
VINP
5V/DIV
VLOAD
10V/DIV
ILOAD
1A/DIV
7003 TA07b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com