Electronic Components Datasheet Search
  English  ▼

X  

LT8602 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8602
Description  42V Quad Monolithic Synchronous Step-Down Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8602 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8602 Datasheet HTML 5Page - Linear Technology LT8602 Datasheet HTML 6Page - Linear Technology LT8602 Datasheet HTML 7Page - Linear Technology LT8602 Datasheet HTML 8Page - Linear Technology LT8602 Datasheet HTML 9Page - Linear Technology LT8602 Datasheet HTML 10Page - Linear Technology LT8602 Datasheet HTML 11Page - Linear Technology LT8602 Datasheet HTML 12Page - Linear Technology LT8602 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT8602
9
8602fb
For more information www.linear.com/LT8602
TA = 25°C, VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V
and PVIN3 = PVIN4 = 3.3V, unless otherwise noted.
Typical perForMance characTerisTics
Channel 2 Start-Up and Dropout,
RL = 20Ω
Channel 2 Start-Up and
Dropout, RL = 2Ω
Channel 1 Start-Up and Dropout,
RL = 3.3Ω
Full Frequency Waveforms
Light Load Waveforms
100ms/DIV
2V/DIV
8602 G29
VOUT1
VIN
Channel 2 Full Frequency
VIN vs Load Current
Channel 3, 4 Full Frequency
VIN vs Load Current
Channel 1 Start-Up and Dropout,
RL = 20Ω
100ms/DIV
2V/DIV
8602 G33
VOUT2
VIN
100ms/DIV
2V/DIV
8602 G30
VOUT1
VIN
100ms/DIV
2V/DIV
8602 G32
VOUT2
VIN
200ns/DIV
VSW1
10V/DIV
VSW2
10V/DIV
VSW3
2V/DIV
VOUT1 = 5V
VOUT2 = 3.3V
VOUT3 = 1.8V
VOUT4 = 1.2V
VSW4
2V/DIV
8602 G34
5µs/DIV
VOUT
20mV/DIV
VSW
5V/DIV
CHANNEL 1
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
IL
0.5A/DIV
8602 G35
IOUT (A)
0
0.3 0.7
1
1.3 1.6 1.9 2.3 2.6
0
5
10
15
20
25
30
35
40
45
8602 G28
RT = 28.9k
FULL FREQUENCY
REGION (2MHz)
VOUT = 3.3V
VOUT = 5V
IOUT (A)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
8602 G29
RT = 28.9k
FULL FREQUENCY
REGION (2MHz)
VOUT = 1.8V
VOUT = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com