Electronic Components Datasheet Search
  English  ▼

X  

LT8602 Datasheet(PDF) 29 Page - Linear Technology

Part # LT8602
Description  42V Quad Monolithic Synchronous Step-Down Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8602 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT8602 Datasheet HTML 22Page - Linear Technology LT8602 Datasheet HTML 23Page - Linear Technology LT8602 Datasheet HTML 24Page - Linear Technology LT8602 Datasheet HTML 25Page - Linear Technology LT8602 Datasheet HTML 26Page - Linear Technology LT8602 Datasheet HTML 27Page - Linear Technology LT8602 Datasheet HTML 28Page - Linear Technology LT8602 Datasheet HTML 29Page - Linear Technology LT8602 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
LT8602
29
8602fb
For more information www.linear.com/LT8602
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
A
09/16
Revised Electrical Characteristics tables and temperature dotted soft-start.
Replaced G06 and G07 curves.
Revised Pin Functions for BIAS, EN/UVLO INTVCC.
Changed Figure 7.
4, 5
6
11
20
B
06/17
Added LQFP package option
Added Pin Functions for LQFP package option
Clarified Figure 9 for QFN package
Added clarified drawing for front page application
Typical Application moved from page 25 to 26
Clarified QFN package drawing
Added LQFP package option
1,2
11,12
22
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com