Electronic Components Datasheet Search
  English  ▼

X  

LT8602 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8602
Description  42V Quad Monolithic Synchronous Step-Down Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8602 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8602 Datasheet HTML 20Page - Linear Technology LT8602 Datasheet HTML 21Page - Linear Technology LT8602 Datasheet HTML 22Page - Linear Technology LT8602 Datasheet HTML 23Page - Linear Technology LT8602 Datasheet HTML 24Page - Linear Technology LT8602 Datasheet HTML 25Page - Linear Technology LT8602 Datasheet HTML 26Page - Linear Technology LT8602 Datasheet HTML 27Page - Linear Technology LT8602 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LT8602
24
8602fb
For more information www.linear.com/LT8602
3.5in × 3.5in 4-LAYER BOARD
2oz Cu TOP AND BOTTOM
LIMITED BY MAXIMUM
JUNCTION TEMPERATURE
θJA = 22°C/W
12VIN, 1MHz
12VIN, 2.2MHz
28VIN, 1MHz
28VIN, 2.2MHz
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
20
40
60
80
100
8602 F10
applicaTions inForMaTion
and near the LT8602 to additional ground planes within
the circuit board and on the bottom side.
Thermal Considerations
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LT8602. The exposed pad on
the bottom of the package must be soldered to a ground
plane. This ground should be tied to large copper layers
below with thermal vias; these layers will spread heat
dissipated by the LT8602. Recommended layer use for
a 4 layer board is:
Layer 1 (Components): use 2oz copper; unbroken high
frequency/high current routing (CIN loop, SW node, BST
node, inductor, COUT), high current DC routing, ground
plane on remainder
Layer 2 (Internal): Unbroken ground plane
Layer 3 (Internal): Signal routing, ground plane on re-
mainder
Layer 4 (Bottom): Use 2oz copper; high current DC routing
(VIN, VOUT), ground plane on remainder
Placing additional vias can reduce thermal resistance fur-
ther. Many small thermal vias are better than a few large
ones. Following these PCB design guidelines can reduce
the QFN θJA to 22°C/W.
Power dissipation within the LT8602 can be estimated by
adding the power dissipated in each channel. Calculate
each channel’s power loss from an efficiency measure-
ment and subtract the inductor loss. The die temperature
is calculated by multiplying the total LT8602 power dis-
sipation by the thermal resistance from junction to ambi-
ent and adding the ambient temperature. The maximum
load current should be derated as the die temperature
approaches the maximum junction rating. The LT8602 will
stop switching if the internal temperature rises too high.
This thermal protection is above the maximum operating
temperature and is intended as a failsafe only.
Even with the best thermal practices, the LT8602 must be
deratedathighambienttemperature.Thethermalderating
curves in Figure 10 show the front page application (Ch1:
5VOUT, Ch 2: 3.3VOUT, Ch 3:1.8VOUT, Ch 4:1.2VOUT). The
PCBlayoutisasdescribedaboveandtheθJAis22°C/W.The
output currents are decreased uniformly as a percentage
of maximum. Although derating is application dependent,
this set of curves is representative of typical applications
with a range of frequencies and input voltages.
Figure 10. Thermal Derating, I-Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com