Electronic Components Datasheet Search
  English  ▼

X  

LT8602 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8602
Description  42V Quad Monolithic Synchronous Step-Down Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8602 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8602 Datasheet HTML 10Page - Linear Technology LT8602 Datasheet HTML 11Page - Linear Technology LT8602 Datasheet HTML 12Page - Linear Technology LT8602 Datasheet HTML 13Page - Linear Technology LT8602 Datasheet HTML 14Page - Linear Technology LT8602 Datasheet HTML 15Page - Linear Technology LT8602 Datasheet HTML 16Page - Linear Technology LT8602 Datasheet HTML 17Page - Linear Technology LT8602 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LT8602
14
8602fb
For more information www.linear.com/LT8602
operaTion
TheLT8602isaquadchannel,constantfrequency,current
mode, monolithic buck switching regulator with power-on
reset. All channels are synchronized to a single oscillator.
Two of the channels are high voltage (up to 42V input)
while the other two are low voltage (up to 5.5V input) and
are typically powered from the high voltage buck outputs.
Start-Up
When enabled by setting the EN/UVLO voltage above its
threshold,theLT8602startschargingtheINTVCCcapacitor
fromVIN.IfBIASishigherthan3.1V,BIASsuppliescurrent
to the INTVCC regulator to reduce VIN quiescent current.
High Voltage Buck Regulators
Each high voltage channel is a synchronous buck regulator
that operates from an independent PVIN pin. The internal
top power MOSFET is turned on at the beginning of each
oscillator cycle, and turned off when the current flowing
through the top MOSFET reaches a level determined by
the error amplifier. The error amplifier measures the output
voltage through an external resistor divider tied to the FB
pin to control the peak current in the top switch. The refer-
ence of the error amplifier is determined by the lower of
the internal 1V reference and the voltage at its TRKSS pin.
While the top MOSFET is off, the bottom MOSFET is
turned on for the remainder of the oscillator cycle or
until the inductor current starts to reverse. If overload
conditions result in more than 2A (Ch 1) or 3.3A (Ch 2)
flowing through the bottom switch, the next clock cycle
will be delayed until switch current returns to a safe level.
Low Voltage Buck Regulators
Each low voltage channel is a synchronous buck regulator
that operates from an independent PVIN pin. The PVIN pins
have an undervoltage lockout set at 2.35V. Each internal
top power MOSFET is turned on at the beginning of each
oscillator cycle, and turned off when the current flowing
through the top MOSFET reaches a level determined
by the error amplifier. The error amplifier measures the
output voltage through an external resistor divider tied to
the FB pin to control the peak current in the top switch.
The reference of the error amplifier is an internal 800mV
reference. Each LV channel has a RUN pin to allow power
sequencing and an internal soft-start circuit ramps the
output voltage up in 1ms.
While the top MOSFET is off, the bottom MOSFET is turned
on for the remainder of the oscillator cycle or until the
inductor current starts to reverse. If overload conditions
resultinmorethan2.4Aflowingthroughthebottomswitch,
the next clock cycle will be delayed until switch current
returns to a safe level.
Multiphase Switching
The oscillator generates two clock signals 180° out of
phase.Channels1and3operateonCLK1,whilechannels2
and 4 operate on CLK2. Since a buck regulator only draws
input current during the top switch on cycle, multiphase
operationreducespeakinputcurrentanddoublestheinput
currentfrequency.Theseeffectsreduceinputcurrentripple
and reduce the input capacitance required.
Light Load Operation
At light load, the regulators operate in low ripple burst
mode. Low ripple burst mode shuts down most internal
circuitry between switch on cycles to conserve power
while still retaining low ripple at the output.
Undervoltage Lockout
The EN/UVLO pin is used to put the LT8602 in shutdown,
reducing the input current to less than 1μA. The accurate
1.2VthresholdoftheEN/UVLOpinallowsaprogrammable
VIN undervoltage lockout through an external resistor
divider tied to the EN/UVLO pin. A 50mV (typ) hysteresis
voltageontheEN/UVLOpinpreventsswitchingnoisefrom
inadvertently shutting down the LT8602.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com