Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 11 Page - Linear Technology

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8610AC Datasheet HTML 7Page - Linear Technology LT8610AC Datasheet HTML 8Page - Linear Technology LT8610AC Datasheet HTML 9Page - Linear Technology LT8610AC Datasheet HTML 10Page - Linear Technology LT8610AC Datasheet HTML 11Page - Linear Technology LT8610AC Datasheet HTML 12Page - Linear Technology LT8610AC Datasheet HTML 13Page - Linear Technology LT8610AC Datasheet HTML 14Page - Linear Technology LT8610AC Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT8610AC/LT8610AC-1
11
8610acfa
For more information www.linear.com/LT8610AC
operaTion
The LT8610AC/LT8610AC-1 is a monolithic, constant
frequency, current mode step-down DC/DC converter. An
oscillator, with frequency set using a resistor on the RT pin,
turns on the internal top power switch at the beginning of
each clock cycle. Current in the inductor then increases
until the top switch current comparator trips and turns off
the top power switch. The peak inductor current at which
the top switch turns off is controlled by the voltage on the
internal VC node. The error amplifier servos the VC node
by comparing the voltage on the VFB pin with an internal
0.8V reference. When the load current increases it causes
a reduction in the feedback voltage relative to the reference
leading the error amplifier to raise the VC voltage until the
average inductor current matches the new load current.
When the top power switch turns off, the synchronous
power switch turns on until the next clock cycle begins or
inductor current falls to zero. If overload conditions result
in more than 4.3A flowing through the bottom switch, the
next clock cycle will be delayed until switch current returns
to a safe level.
If the EN/UV pin is low, the LT8610AC/LT8610AC-1 is shut
down and draws 1µA from the input. When the EN/UV pin
isabove1.015V,theswitchingregulatorwillbecomeactive.
To optimize efficiency at light loads, the LT8610AC/
LT8610AC-1 operates in Burst Mode operation in light
load situations. Between bursts, all circuitry associated
with controlling the output switch is shut down, reducing
the input supply current to 1.7μA. In a typical application,
2.5μA will be consumed from the input supply when
regulating with no load. The SYNC pin is tied low to use
Burst Mode operation and can be tied to a logic high to use
pulse-skipping mode. If a clock is applied to the SYNC pin
thepartwillsynchronizetoanexternalclockfrequencyand
operate in pulse-skipping mode. While in pulse-skipping
mode the oscillator operates continuously and positive
SW transitions are aligned to the clock. During light loads,
switch pulses are skipped to regulate the output and the
quiescent current will be several hundred µA.
To improve efficiency across all loads, supply current to
internal circuitry can be sourced from the BIAS pin when
biasedat3.3Vorabove.Else,theinternalcircuitrywilldraw
current from VIN. The BIAS pin should be connected to
VOUTiftheLT8610AC/LT8610AC-1outputisprogrammed
at 3.3V or above.
Comparators monitoring the FB pin voltage will pull the
PG pin low if the output voltage varies more than ±8%
(typical)fromthesetpoint,orifafaultconditionispresent.
The oscillator reduces the LT8610AC/LT8610AC-1’s oper-
ating frequency when the voltage at the FB pin is low. This
frequency foldback helps to control the inductor current
when the output voltage is lower than the programmed
value which occurs during start-up or overcurrent condi-
tions. When a clock is applied to the SYNC pin or the SYNC
pin is held DC high, the frequency foldback is disabled
and the switching frequency will slow down only during
overcurrent conditions.
The LT8610AC-1 differs from the LT8610AC in that the
internal compensation is optimized for higher switching
frequency operation and a TR/SS pin discharge circuit is
added to reduce output voltage overshoot when exiting
dropout or brownout conditions. The internal compensa-
tion change increases the bandwidth of the control loop,
which improves transient response. As a consequence
the minimum programmable switching frequency of the
LT8610AC-1 is increased to 1.5MHz. The SS discharge
circuit regulates the TR/SS pin to the same voltage as the
FB pin during dropout or brownout. This feature provides
somesoft-startingwhenthepartexitsdropoutorbrownout
which reduces output voltage overshoot. Both of these
changes are intended to reduce output voltage overshoot
in 2MHz switching frequency applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com