Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 2 Page - Linear Technology

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 2 Page - Linear Technology

  LT8610AC Datasheet HTML 1Page - Linear Technology LT8610AC Datasheet HTML 2Page - Linear Technology LT8610AC Datasheet HTML 3Page - Linear Technology LT8610AC Datasheet HTML 4Page - Linear Technology LT8610AC Datasheet HTML 5Page - Linear Technology LT8610AC Datasheet HTML 6Page - Linear Technology LT8610AC Datasheet HTML 7Page - Linear Technology LT8610AC Datasheet HTML 8Page - Linear Technology LT8610AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8610AC/LT8610AC-1
2
8610acfa
For more information www.linear.com/LT8610AC
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, EN/UV, PG..........................................................42V
BIAS..........................................................................30V
BST Pin Above SW Pin................................................4V
FB, TR/SS, RT, INTVCC ...............................................4V
SYNC Voltage .............................................................6V
Operating Junction Temperature Range (Note 2)
LT8610ACE/LT8610ACE-1...................... –40 to 125°C
LT8610ACI/LT8610ACI-1........................ –40 to 125°C
LT8610ACH/LT8610ACH-1.....................–40 to 150°C
Storage Temperature Range ......................–65 to 150°C
(Note 1)
1
2
3
4
5
6
7
8
SYNC
TR/SS
RT
EN/UV
VIN
VIN
NC
GND
16
15
14
13
12
11
10
9
FB
PG
BIAS
INTVCC
BST
SW
SW
SW
TOP VIEW
17
GND
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 40°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8610ACEMSE#PBF
LT8610ACEMSE#TRPBF
8610AC
16-Lead Plastic MSOP
–40°C to 125°C
LT8610ACIMSE#PBF
LT8610ACIMSE#TRPBF
8610AC
16-Lead Plastic MSOP
–40°C to 125°C
LT8610ACHMSE#PBF
LT8610ACHMSE#TRPBF
8610AC
16-Lead Plastic MSOP
–40°C to 150°C
LT8610ACEMSE-1#PBF
LT8610ACEMSE-1#TRPBF
610AC1
16-Lead Plastic MSOP
–40°C to 125°C
LT8610ACIMSE-1#PBF
LT8610ACIMSE-1#TRPBF
610AC1
16-Lead Plastic MSOP
–40°C to 125°C
LT8610ACHMSE-1#PBF
LT8610ACHMSE-1#TRPBF
610AC1
16-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.6
3.0
V
VIN Quiescent Current
VEN/UV = 0V
l
1.0
1.0
3
8
µA
µA
VEN/UV = 2V, Not Switching, VSYNC = 0V
l
1.7
1.7
4
10
µA
µA
VEN/UV = 2V, Not Switching, VSYNC = 2V
0.28
0.5
mA
VIN Current in Regulation
VOUT = 0.8V, VIN = 6V, Output Load = 100µA
VOUT = 0.8V, VIN = 6V, Output Load = 1mA
l
l
30
225
60
500
µA
µA
Feedback Reference Voltage
VIN = 6V, ILOAD = 0.5A
VIN = 6V, ILOAD = 0.5A
l
0.794
0.788
0.800
0.800
0.806
0.812
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 42V, ILOAD = 1A
l
0.004
0.02
%/V
Feedback Pin Input Current
VFB = 1V
–20
20
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com