Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 13 Page - Linear Technology

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8610AC Datasheet HTML 9Page - Linear Technology LT8610AC Datasheet HTML 10Page - Linear Technology LT8610AC Datasheet HTML 11Page - Linear Technology LT8610AC Datasheet HTML 12Page - Linear Technology LT8610AC Datasheet HTML 13Page - Linear Technology LT8610AC Datasheet HTML 14Page - Linear Technology LT8610AC Datasheet HTML 15Page - Linear Technology LT8610AC Datasheet HTML 16Page - Linear Technology LT8610AC Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT8610AC/LT8610AC-1
13
8610acfa
For more information www.linear.com/LT8610AC
applicaTions inForMaTion
programmed frequency varies based on input voltage,
output voltage, and inductor choice.
Inductor value has a very strong effect on Burst Mode ef-
ficiency. Larger value inductors allow more charge to be
transferred to the output per pulse, which increases both
efficiency and output voltage ripple. If higher efficiency is
needed in a Burst Mode application, increasing inductor
value can be a quick solution.
Table 1. Output Voltage Ripple vs Output Capacitance for
LT8610AC when VIN = 12V, VOUT = 3.3V, and L = 4.7µH
OUTPUT CAPACITANCE
OUTPUT RIPPLE
47µF
40mV
47µF
×2
20mV
47µF
×4
10mV
For some applications it is desirable for the LT8610AC/
LT8610AC-1 to operate in pulse-skipping mode, offering
two major differences from Burst Mode operation. First is
the clock stays awake at all times and all switching cycles
are aligned to the clock. In this mode much of the internal
circuitry is awake at all times, increasing quiescent cur-
rent to several hundred µA. Second is that full switching
frequency is reached at lower output load than in Burst
Mode operation (see Figure 1b). To enable pulse-skipping
mode, the SYNC pin is tied high either to a logic output
or to the INTVCC pin. When a clock is applied to the SYNC
pin the LT8610AC/LT8610AC-1 will also operate in pulse-
skipping mode.
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
R1
=R2
VOUT
0.80V
–1


(1)
Reference designators refer to the Block Diagram. 1%
resistors are recommended to maintain output voltage
accuracy.
Iflowinputquiescentcurrentandgoodlight-loadefficiency
are desired, use large resistor values for the FB resistor
divider. The current flowing in the divider acts as a load
current, and will increase the no-load input current to the
converter, which is approximately:
IQ =1.7µA+
VOUT
R1
+R2


VOUT
VIN


1
n


(2)
where 1.7µA is the quiescent current of the LT8610AC/
LT8610AC-1 and the second term is the current in the
feedbackdividerreflectedtotheinputofthebuckoperating
at its light load efficiency n. For a 3.3V application with R1
= 1M and R2 = 316k, the feedback divider draws 2.5µA.
With VIN = 12V and n = 80%, this adds 0.8µA to the 1.7µA
quiescent current resulting in 2.5µA no-load current from
the 12V supply. Note that this equation implies that the
no-load current is a function of VIN; this is plotted in the
Typical Performance Characteristics section.
When using large FB resistors, a 4.7pF to 10pF phase-lead
capacitor should be connected from VOUT to FB.
Setting the Switching Frequency
The LT8610AC uses a constant frequency PWM architec-
ture that can be programmed to switch from 200kHz to
2.2MHz by using a resistor tied from the RT pin to ground.
A table showing the necessary RT value for a desired
switching frequency is in Table 2A. The LT8610AC-1 can
be programmed to switch from 1.5MHz to 2.2MHz. The
minimum allowed programmable switching frequency is
higher for the LT8610AC-1 compared to the LT8610AC
becausetheLT8610AC-1hasinternalcompensationwhich
is optimized for higher switching frequencies to improve
transient response by increasing control loop bandwidth.
A table showing the necessary RT value for a desired
switching frequency is shown in Table 2B.
The RT resistor required for a desired switching frequency
can be calculated using:
RT =
46.5
fSW
– 5.2
(3)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com