Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 20 Page - Linear Technology

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 20 Page - Linear Technology

Back Button LT8610AC Datasheet HTML 16Page - Linear Technology LT8610AC Datasheet HTML 17Page - Linear Technology LT8610AC Datasheet HTML 18Page - Linear Technology LT8610AC Datasheet HTML 19Page - Linear Technology LT8610AC Datasheet HTML 20Page - Linear Technology LT8610AC Datasheet HTML 21Page - Linear Technology LT8610AC Datasheet HTML 22Page - Linear Technology LT8610AC Datasheet HTML 23Page - Linear Technology LT8610AC Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT8610AC/LT8610AC-1
20
8610acfa
For more information www.linear.com/LT8610AC
Typical applicaTions
BST
VIN
EN/UV
SYNC
INTVCC
TR/SS
RT
SW
LT8610AC-1
GND
BIAS
8610ac1 TA02
PG
FB
0.1µF
VOUT
5V
3.5A
4.7µF
VIN
5.5V TO 42V
1µF
10nF
10pF
2.2µH
1M
191k
fSW = 2MHz
L: COILCRAFT XAL 5030
18.2k
47µF*
1210
X5R
POWER GOOD
100k
5V 2MHz Step-Down Converter
12V Step-Down Converter
BST
VIN
EN/UV
SYNC
INTVCC
TR/SS
RT
SW
LT8610AC
GND
BIAS
8610ac1 TA09
PG
FB
0.1µF
VOUT
12V
3.5A
4.7µF
VIN
12.5V TO 42V
1µF
10nF
10pF
10µH
1M
71.5k
fSW = 1MHz
41.2k
47µF*
1210
X5R
POWER GOOD
100k
L: VISHAY IHLP-2525CZ-01
*Consider doubling output capacitance if application requires low output voltage ripple in Burst Mode operation.
Figure 6. LT8610AC Case Temperature Rise
INPUT VOLTAGE (V)
120
140
16
24
36
8610ac1 F06
80
20
40
0
100
60
8
12
20
28
32
fSW = 2MHz
ILOAD = 2.5A
fSW = 2MHz
ILOAD = 3.5A
TA = 25°C
fSW = 1MHz
ILOAD = 3.5A
(LT8610AC)
High Temperature Considerations
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8610AC/LT8610AC-1. The exposed pad on the bottom
of the package must be soldered to a ground plane. This
ground should be tied to large copper layers below with
thermal vias; these layers will spread heat dissipated by
the LT8610AC/LT8610AC-1. Placing additional vias can
reduce thermal resistance further. The maximum load
current should be derated as the ambient temperature
approaches the maximum junction rating. Power dissipa-
tion within the LT8610AC/LT8610AC-1 can be estimated
by calculating the total power loss from an efficiency
measurement and subtracting the inductor loss. The die
temperature is calculated by multiplying the LT8610AC/
LT8610AC-1 power dissipation by the thermal resistance
from junction to ambient. The LT8610AC/LT8610AC-1
will stop switching and indicate a fault condition if safe
junction temperature is exceeded.
Temperature rise of the LT8610AC/LT8610AC-1 is worst
when operating at high load, high VIN, and high switching
applicaTions inForMaTion
frequency. If the case temperature is too high for a given
application, then either VIN, switching frequency, or load
current can be decreased to reduce the temperature to an
acceptable level. Figure 6 shows an example of how case
temperature can be managed by reducing VIN, switching
frequency, or load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com