Electronic Components Datasheet Search
  English  ▼

X  

LTC3815 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3815
Description  6A Monolithic Synchronous DC/DC Step-Down Converter with Digital Power System Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3815 Datasheet(HTML) 2 Page - Linear Technology

  LTC3815 Datasheet HTML 1Page - Linear Technology LTC3815 Datasheet HTML 2Page - Linear Technology LTC3815 Datasheet HTML 3Page - Linear Technology LTC3815 Datasheet HTML 4Page - Linear Technology LTC3815 Datasheet HTML 5Page - Linear Technology LTC3815 Datasheet HTML 6Page - Linear Technology LTC3815 Datasheet HTML 7Page - Linear Technology LTC3815 Datasheet HTML 8Page - Linear Technology LTC3815 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LTC3815
2
3815fa
For more information www.linear.com/LTC3815
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, PVIN....................................................... –0.3V to 6V
VCC_SENSE, VSS_SENSE, CSLEW, RT, ITH, MODE/SYNC,
REF, TRACK/SS, PGFD, PGLIM, ASEL, DAOUT, MARGIN,
RUN_STBY, FB.............................. –0.3V to (VIN + 0.3V)
RUN_MSTR, PGOOD, ALERT, SCL,
SDA Voltage............................................. –0.3V to 6V
WP............................................................ –0.3V to 2.5V
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
(Notes 1, 7)
13 14 15 16
TOP VIEW
39
PGND
UFE PACKAGE
38-LEAD (4mm × 6mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
24
26
27
28
29
30
31
8
7
6
5
4
3
2
1
RT
ASEL
MARGIN
WP
ALERT
CLKOUT
SDA
SCL
MODE/SYNC
SW
SW
NC
VSS_SENSE
TRACK/SS
PGOOD
CSLEW
RUN_STBY
RUN_MSTR
PGFD
VIN
SW
SW
SW
NC
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 39) IS PGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3815EUFE#PBF
LTC3815EUFE#TRPBF
3815
38-Lead (4mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3815IUFE#PBF
LTC3815IUFE#TRPBF
3815
38-Lead (4mm × 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
(http://www.linear.com/product/LTC3815#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com