Electronic Components Datasheet Search
  English  ▼

X  

LTC3815 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3815
Description  6A Monolithic Synchronous DC/DC Step-Down Converter with Digital Power System Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3815 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3815 Datasheet HTML 17Page - Linear Technology LTC3815 Datasheet HTML 18Page - Linear Technology LTC3815 Datasheet HTML 19Page - Linear Technology LTC3815 Datasheet HTML 20Page - Linear Technology LTC3815 Datasheet HTML 21Page - Linear Technology LTC3815 Datasheet HTML 22Page - Linear Technology LTC3815 Datasheet HTML 23Page - Linear Technology LTC3815 Datasheet HTML 24Page - Linear Technology LTC3815 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LTC3815
21
3815fa
For more information www.linear.com/LTC3815
APPLICATIONS INFORMATION
Minimum Off-Time and Minimum On-Time
Considerations
The minimum off-time, tOFF(MIN), is the smallest amount
of time that the LTC3815 is capable of turning on the bot-
tom power MOSFET, tripping the current comparator and
turning the power MOSFET back off. This time is generally
about 100ns. The minimum off-time limit imposes a maxi-
mum duty cycle of tON/(tON + tOFF(MIN)). If the maximum
duty cycle is reached, due to a dropping input voltage for
example, then the output will drop out of regulation. The
minimum input voltage to avoid dropout is:
VIN(MIN) = VOUT •
tON + tOFF(MIN)
tON
Conversely, the minimum on-time is the smallest dura-
tion of time in which the top power MOSFET can be in
its “on” state. This time is typically 75ns. In continuous
mode operation, the minimum on-time limit imposes a
minimum duty cycle of:
DCMIN = f • tON(MIN)
where tON(MIN) is the minimum on-time. As the equation
shows, reducing the operating frequency will alleviate the
minimum duty cycle constraint.
In the cases where the minimum duty cycle is surpassed,
the output voltage will still remain in regulation, but the
switching frequency will decrease from its programmed
value. This is an acceptable result in many applications, so
this constraint may not be of critical importance in most
cases. High switching frequencies may be used in the
design without any fear of severe consequences. As the
sections on inductor and capacitor selection show, high
switching frequencies allow the use of smaller board com-
ponents, thus reducing the size of the application circuit.
Inductor Selection
Given the desired input and output voltages, the inductor
valueandoperatingfrequencydeterminetheripplecurrent:
∆IL =
VOUT
f •L
• 1−
VOUT
VIN
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a trade-off between
component size, efficiency and operating frequency.
Areasonablestartingpointistochoosearipplecurrentthat
is about 30-40% of IOUT(MAX). This is especially important
at low VOUT operation where VOUT is 1.8V or below. Care
must be given to choose an inductance value that will gen-
erate a big enough current ripple so that the chip’s valley
current comparator has enough signal-to-noise ratio to
force constant switching frequency. Meanwhile, also note
that the largest ripple current occurs at the highest VIN. To
guarantee that ripple current does not exceed a specified
maximum, the inductance should be chosen according to:
L =
VOUT
f • ∆IL(MAX)
• 1−
VOUT
VIN(MAX)


Once the value for L is known, the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value, but is very dependent on the
inductance selected. As the inductance or frequency in-
creases, core losses decrease. Unfortunately, increased
inductance requires more turns of wire and therefore
copper losses will increase.
Ferritedesignshaveverylowcorelossesand arepreferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
corematerialsaturates“hard”,whichmeansthatLTC3815
inductancecollapsesabruptlywhenthepeakdesigncurrent
is exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Different core materials and shapes will change the size/
currentandprice/currentrelationshipofaninductor.Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com