Electronic Components Datasheet Search
  English  ▼

X  

LTC3815 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3815
Description  6A Monolithic Synchronous DC/DC Step-Down Converter with Digital Power System Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3815 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3815 Datasheet HTML 16Page - Linear Technology LTC3815 Datasheet HTML 17Page - Linear Technology LTC3815 Datasheet HTML 18Page - Linear Technology LTC3815 Datasheet HTML 19Page - Linear Technology LTC3815 Datasheet HTML 20Page - Linear Technology LTC3815 Datasheet HTML 21Page - Linear Technology LTC3815 Datasheet HTML 22Page - Linear Technology LTC3815 Datasheet HTML 23Page - Linear Technology LTC3815 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
LTC3815
20
3815fa
For more information www.linear.com/LTC3815
APPLICATIONS INFORMATION
ThebasicLTC3815applicationcircuitisshowninFigure8.
Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low out-
putripplevoltage.TheoperatingfrequencyoftheLTC3815
is determined by an external resistor that is connected
between the RT pin and ground. The value of the resistor
sets the ramp current that is used to charge and discharge
an internal timing capacitor within the oscillator and can
be calculated by using the following equation:
RT =
1.15 • 1011
fOSC
( )1.11
Ω
Frequencies as high as 3MHz are possible, as long as the
minimum on-time requirement is met (see next section).
Tying the RT pin to VIN sets the default internal operating
frequency to 1MHz ±15%.
TheLTC3815’sinternaloscillatorcanbesynchronizedtoan
external frequency by applying a square wave clock signal
to the MODE/SYNC pin. During synchronization, the top
switch turn-on is locked to the rising edge of the external
frequency source. The synchronization frequency range is
300kHz to 3MHz. During synchronization, discontinuous
operation is disabled.
The internal PLL has a synchronization range of ±30%
around its programmed frequency. Therefore, during
external clock synchronization be sure that the external
clock frequency is within this ±30% range of the RT pro-
grammed frequency.
WhenusingtheRTpintoprogramtheoscillatorfrequency,
asquarewaveclockthatisrunning180°out-of-phasewith
the internal oscillator is available at the CLKOUT pin for
connection to a second LTC3815 for 2-phase operation
(see the 2-Phase section).
Figure 8. 1.8V, 6A Step-Down Regulator
VIN
2.25V TO 5.5V
VOUT
1.8V
6A
PGOOD
WP
SW
LTC3815
MODE/SYNC
RUN_MSTR
RUN_STBY
CLKOUT
PGLIM
RT
MARGIN
VCC_SENSE
VSS_SENSE
REF
ASEL
PGFD
DAOUT
VFB
ITH
SCL, SDA, ALERT
PVIN
VIN
PMBUS
CSS
15nF
CSLEW
1nF
RT
11.8k, 1%
RASEL
RPGFD
3815 F08
L
300nH
RC2
10k
RC1
1k
CC2
1nF
COUT
100µF
×2
CC1
47pF
CIN
22µF
×4
SS/TRACK
CSLEW
RREF1
14.3k
0.5%
RREF2
3.7k
0.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com