Electronic Components Datasheet Search
  English  ▼

X  

LTC3815 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3815
Description  6A Monolithic Synchronous DC/DC Step-Down Converter with Digital Power System Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3815 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3815 Datasheet HTML 34Page - Linear Technology LTC3815 Datasheet HTML 35Page - Linear Technology LTC3815 Datasheet HTML 36Page - Linear Technology LTC3815 Datasheet HTML 37Page - Linear Technology LTC3815 Datasheet HTML 38Page - Linear Technology LTC3815 Datasheet HTML 39Page - Linear Technology LTC3815 Datasheet HTML 40Page - Linear Technology LTC3815 Datasheet HTML 41Page - Linear Technology LTC3815 Datasheet HTML 42Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LTC3815
39
3815fa
For more information www.linear.com/LTC3815
TYPICAL APPLICATIONS
12V Input, 1.0V/6A Output Buck Regulator
PGOOD
PMBus
VOUT
1.0V
6A
LTC3815
100k
SGND
10k
0.5%
PGND
WP
PGOOD
SCL
SDA
ALERT
PGFD
ASEL
TRACK/SS
CSLEW
RT
PGLIM
REF
MODE/SYNC
RUN_MSTR
RUN_STBY
CLKOUT
MARGIN
SW
VCC_SENSE
VSS_SENSE
DAOUT
VFB
ITH
PVIN
VIN
3815 TA04
0.33µH
10k
1k
1nF
47pF
COUT
100µF
×2
10k
10k
10k
PGOOD DELAY: 190ms
PGOOD THRESHOLD ±10%
FREQUENCY: 1MHz
SOFT-START DELAY: 1ms
MARGIN SLEW RATE: 23%/ms
DCM MODE
PMBus ADDRESS: 0x20
CIN: TAIYO YUDEN LMK316BJ226ML-T
COUT: MURATA GRM32ER60J107ME20
L: COILCRAFT XAL6030-331MEB
CLKIN
RT
24
1
2
3
4
5
6
23
C1
2.2µF
CIN
22µF
×2
0.1µF
VIN
4V TO 15V
0.1µF
COUT
47µF
×2
0.1µF
10pF
330pF
22
21
D1
20
19
10
18
17
16
L1 0.68µH
3.3V
15
14
13
7
8
100k
16.2k
12k
22.6k
4.99k
9
10
11
12
SGND
PGND
PHMODE
MODE
FB
TRACK/SS
ITH
PVIN
PVIN
SW
SW
SW
SW
CLKOUT SGND
LTC3605
INTVCC BOOST SVIN
RUN
SVIN
PGOOD VON PGND
SW
SW
C1: AVX 0805ZD225MAT2A
CIN: TDK C4532X5RIC226M
COUT: TDK C3216X5ROJ476M
D1: CENTRAL SEMI CMDSH-3
L1: VISHAY IHLP-2525CZERR68-M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com