Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 21 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1602IPFBT Datasheet(HTML) 21 Page - Burr-Brown (TI)

Back Button ADS1602IPFBT Datasheet HTML 17Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 18Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 19Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 20Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 21Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 22Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 23Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 24Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 25Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ADS1602
SBAS341B − DECEMBER 2004 − REVISED APRIL 2005
www.ti.com
21
ANALOG POWER DISSIPATION
An external resistor connected between the RBIAS pin
and the analog ground sets the analog current level, as
shown in Figure 52. The current is inversely proportional
to the resistor value. Table 3 shows the recommended
values of RBIAS for different CLK frequencies. Notice that
the analog current can be reduced when using a slower
frequency CLK input because the modulator has more
time to settle. Avoid adding any capacitance in parallel to
RBIAS, since this will interfere with the internal circuitry
used to set the biasing.
R
BIAS
RBIAS
AGND
ADS1602
Figure 52. External Resistor Used to Set Analog
Power Dissipation
Table 3. Recommended RBIAS Resistor Values for
Different CLK Frequencies
fCLK
DATA
RATE
RBIAS
TYPICAL POWER DISSIPATION
WITH REFEN HIGH
16MHz
1MHz
140k
Ω
200mW
24MHz
1.5MHz
100k
Ω
270mW
32MHz
2MHz
60k
Ω
390mW
40MHz
2.5MHz
37k
Ω
530mW
POWER DOWN (PD)
When not in use, the ADS1602 can be powered down by
taking the PD pin low. All circuitry will be shut down,
including the voltage reference. To minimize the digital
current during power down, stop the clock signal supplied
to the CLK input. There is an internal pull-up resistor of
170k
Ω on the PD pin, but it is recommended that this pin
be connected to IOVDD if not used. Make sure to allow
time for the reference to start up after exiting power-down
mode. The internal reference typically requires 15ms.
After the reference has stabilized, allow at least 100
conversions for the modulator and digital filter to settle
before retrieving data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com