Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1602IPFBT Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button ADS1602IPFBT Datasheet HTML 9Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 10Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 11Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 12Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 13Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 14Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 15Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 16Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 17Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ADS1602
SBAS341B − DECEMBER 2004 − REVISED APRIL 2005
www.ti.com
13
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V, and RBIAS = 37kΩ,
unless otherwise noted.
Figure 27
SIGNAL−TO−NOISE RATIO
vs CLOCK FREQUENCY
Clock Frequency, f
CLK (MHz)
5
1015
202530
354045
50
100
90
80
70
60
50
40
30
V
IN = −6dBFS, fIN =10kHz
R
BIAS = 210kΩ
R
BIAS =267kΩ
R
BIAS
=140k
Ω
R
BIAS
= 100k
Ω
R
BIAS
= 60k
Ω
R
BIAS = 37kΩ
R
BIAS = 30kΩ
Figure 28
TOTAL HARMONIC DISTORTION
vs CLOCK FREQUENCY
Clock Frequency, f
CLK (MHz)
110
100
90
80
70
60
50
40
30
20
5
10
15
202530354045
50
V
IN = −6dBFS, fIN = 10kHz
R
BIAS = 267kΩ
R
BIAS =210kΩ
R
BIAS = 140kΩ
R
BIAS
= 100k
Ω
R
BIAS
=30k
Ω
R
BIAS
= 60k
Ω
R
BIAS =37kΩ
Figure 29
SPURIOUS−FREE DYNAMIC RANGE
vs CLOCK FREQUENCY
Clock Frequency, f
CLK (MHz)
110
100
90
80
70
60
50
40
30
20
5
10
15
202530354045
50
V
IN = − 6dBFS, fIN = 10kHz
R
BIAS =267kΩ
R
BIAS =210kΩ
R
BIAS = 140kΩ
R
BIAS
=100k
Ω
R
BIAS
= 30k
Ω
R
BIAS
=60k
Ω
R
BIAS = 37kΩ
Figure 30
1000
100
10
1
0.1
−3
−2
−13
01
2
Input DC Voltage (V)
NOISE vs DC INPUT VOLTAGE
Figure 31
1540
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
−4
−3
−2
−10
1
2
3
4
Output Code (LSB)
NOISE HISTOGRAM
V
IN =0
Figure 32
120
100
80
60
40
20
0
−40
−15
10
35
60
85
Temperature (
_C)
POWER−SUPPLY CURRENT
vs TEMPERATURE
I
AVDD (REFEN = low)
I
AVDD (REFEN = high)
R
BIAS =37kΩ,fCLK =40MHz
I
DVDD +IIOVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com