Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1602IPFBT Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS1602IPFBT Datasheet HTML 1Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 2Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 3Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 4Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 5Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 6Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 7Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 8Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ADS1602
SBAS341B − DECEMBER 2004 − REVISED APRIL 2005
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = −40°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V,
and RBIAS = 37kΩ, unless otherwise noted.
ADS1602
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
Clock Input
Frequency (fCLK)
40
MHz
Duty Cycle
fCLK = 40MHz
45
55
%
Digital Input/Output
VIH
0.7 x IOVDD
IOVDD
V
VIL
DGND
0.3 x IOVDD
V
VOH
IOH = 50µA
IOVDD − 0.5
V
VOL
IOL = 50µA
DGND + 0.5
V
Input leakage
DGND < VDIGIN < IOVDD
±10
µA
Power-Supply Requirements
AVDD
4.75
5.25
V
DVDD
2.7
3.3
V
IOVDD
IOH = 50µA
2.7
5.25
V
AVDD current (IAVDD)
REFEN = low
110
125
mA
AVDD current (IAVDD)
REFEN = high
88
98
mA
DVDD current (IDVDD)
IOVDD = 3V
25
30
mA
IOVDD current (IIOVDD)
IOVDD = 3V
8
10
mA
Power dissipation
AVDD = 5V, DVDD = 3V,
IOVDD = 3V, REFEN = high
530
610
mW
Power dissipation
PD = low, CLK disabled
10
mW
Temperature Range
Specified
−40
+85
°C
Operating
−40
+105
°C
Storage
−60
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com