Electronic Components Datasheet Search
  English  ▼

X  

LTC7150S Datasheet(PDF) 10 Page - Linear Technology

Part # LTC7150S
Description  20V, 20A Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7150S Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC7150S Datasheet HTML 6Page - Linear Technology LTC7150S Datasheet HTML 7Page - Linear Technology LTC7150S Datasheet HTML 8Page - Linear Technology LTC7150S Datasheet HTML 9Page - Linear Technology LTC7150S Datasheet HTML 10Page - Linear Technology LTC7150S Datasheet HTML 11Page - Linear Technology LTC7150S Datasheet HTML 12Page - Linear Technology LTC7150S Datasheet HTML 13Page - Linear Technology LTC7150S Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC7150S
10
7150sfa
For more information www.linear.com/LTC7150S
OPERATION
Main Control Loop
The LTC7150S is a current mode monolithic 20A step-
downregulator.Innormaloperation,theinternaltoppower
MOSFET is turned on for a fixed interval determined by a
one-shot timer, OST. When the top power MOSFET turns
off, the bottom power MOSFET turns on until the current
comparator, ICMP, trips, restarting the one-shot timer and
initiating the next cycle. Inductor current is determined
by sensing the voltage drop across the bottom power
MOSFET when it is on. The voltage on the ITH pin sets the
comparatorthresholdcorrespondingtotheinductorvalley
current. The error amplifier, EA, adjusts this ITH voltage by
comparing the feedback signal, VFB, with an internal 0.6V
reference. If the load current increases, it causes a drop in
the feedback voltage relative to the internal reference, the
ITH voltage then rises until the average inductor current
matches that of the load current.
At low load currents, the inductor current can drop to
zero and become negative. In discontinuous mode (DCM),
this is detected by the current reversal comparator, IREV,
which then shuts off the bottom power MOSFET. Both
power MOSFETs will remain off with the output capacitor
supplying the load current until the ITH voltage rises above
zero current level to initiate the next cycle. If continuous
modeofoperationisdesired,simplyfloattheMODE/SYNC
pin or tie it to INTVCC.
The operating frequency is determined by the value of the
RT resistor, which programs the current for the internal
oscillator. An internal phase-lock loop servos the oscillator
frequency to an external clock signal if one is present on
the MODE/SYNC pin. Another internal phase-lock loop
servostheswitchingregulatoron-timetotracktheinternal
oscillator to force a constant switching frequency.
Overvoltage and undervoltage comparators OV and UV
pull the PGOOD output low if the output feedback volt-
age, VFB, exits a ±7.5% window around the regulation
point. Continuous operation is forced during OV and UV
conditions except during start-up when the TRACK pin is
ramping up to 0.6V.
The “S” in LTC7150S refers to the second generation
Silent Switcher technology. The IC has integrated ceramic
capacitors for VIN and BOOST to keep all the fast AC cur-
rent loops small, thus improving the EMI performance.
Furthermore, it allows for faster switching edges which
greatly improves efficiency at high switching frequencies.
RUN Threshold
Pulling the RUN pin to ground forces the LTC7150S into
its shutdown state. Bringing the RUN pin to above 0.6V
will turn on the internal reference only, while keeping the
power MOSFETs off. Further increasing the RUN voltage
above the RUN rising threshold (nominally 1.2V) turns on
theentirechip.Theaccurate1.2VRUNthresholdallowsthe
user to program the SVIN under voltage lockout threshold
by placing a resistor divider from SVIN.
INTVCC Regulator
Aninternallowdropout(LDO)regulatorproducesthe3.3V
supply that powers the drivers and internal bias circuitry.
The INTVCC must be bypassed to ground with a minimum
of a 4.7µF ceramic capacitor. Good bypassing is neces-
sary to supply the high transient currents required by the
power MOSFET gate drivers. Applications with high input
voltage and high switching frequency will experience an
increase in die temperature due to the higher power dis-
sipation across the LDO. In such cases, if there’s another
5V or 3.3V supply rail available, consider using that to
drive the SVIN pin to lower the power dissipation across
the internal LDO.
VIN Overvoltage Protection
In order to protect the internal power MOSFET devices
against transient voltage spikes, the LTC7150S constantly
monitors the PVIN pin for an overvoltage condition. When
the PVIN rises above 24.5V, the regulator suspends opera-
tionbyshuttingoffbothpowerMOSFETs.OncePVINdrops
below 21.5V, the regulator immediately resumes normal
operation. During an overvoltage event, the internal soft-
start voltage is clamped to a voltage slightly higher than
the feedback voltage, thus the soft-start feature will be
present upon exiting an overvoltage condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com