Electronic Components Datasheet Search
  English  ▼

X  

LTC7150S Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7150S
Description  20V, 20A Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7150S Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7150S Datasheet HTML 9Page - Linear Technology LTC7150S Datasheet HTML 10Page - Linear Technology LTC7150S Datasheet HTML 11Page - Linear Technology LTC7150S Datasheet HTML 12Page - Linear Technology LTC7150S Datasheet HTML 13Page - Linear Technology LTC7150S Datasheet HTML 14Page - Linear Technology LTC7150S Datasheet HTML 15Page - Linear Technology LTC7150S Datasheet HTML 16Page - Linear Technology LTC7150S Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC7150S
13
7150sfa
For more information www.linear.com/LTC7150S
OPERATION
Output Capacitor (COUT) Selection
The selection of COUT is determined by the effective series
resistance(ESR)thatisrequiredtominimizevoltageripple
and load step transients as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response. The output ripple, ∆VOUT, is
determined by:
ΔVOUT < ΔIL
1
8 • f • COUT
+ESR
⎛
⎝⎜
⎞
⎠⎟
The output ripple is highest at maximum input volt-age
since ∆IL increases with input voltage. Multiple capaci-
tors placed in parallel may be needed to meet the ESR
and RMS current handling requirements. Dry tantalum,
special polymer, aluminum electrolytic, and ceramic
capacitors are all available in surface mount packages.
Special polymer capacitors are very low ESR but have
lower capacitance density than other types. Tantalum
capacitors have the highest capacitance density but it is
important to only use types that have been surge tested
foruseinswitchingpowersupplies.Aluminumelectrolytic
capacitors have significantly higher ESR, but can be used
in cost-sensitive applications provided that consideration
is given to ripple current ratings and long-term reliability.
Ceramic capacitors have excellent low ESR characteristics
and small footprints.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
VIN input. At best, this ringing can couple to the output and
be mistaken as loop instability. At worst, a sudden in-rush
of current through the long wires can potentially cause
a voltage spike at VIN large enough to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R and X7R dielectric formulations. These
dielectrics have the best temperature and voltage char-
acteristics of all the ceramics for a given value and size.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement.Duringaloadstep,theoutputcapacitormust
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load. Typically, 5 cycles are required to
respond to a load step, but only in the first cycle does the
output voltage drop linearly. The output droop, VDROOP,
is usually about 3 times the linear drop of the first cycle.
Thus, a good place to start with the output capacitor value
is approximately:
COUT = 3
ΔIOUT
fO • VDROOP
More capacitance may be required depending on the duty
cycle and load step requirements. In most applications,
the input capacitor is merely required to supply high
frequency bypassing, since the impedance to the supply
is very low. A 47μF ceramic capacitor is usually enough
for these conditions. Place this input capacitor as close
to the PVIN pin as possible.
Inductor Selection
Given the desired input and output voltages, the inductor
valueandoperatingfrequencydeterminetheripplecurrent:
IL =
VOUT
f •L
1
VOUT
VIN
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a trade-off between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
that is about 50% of IOUT(MAX). To guarantee that ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com