Electronic Components Datasheet Search
  English  ▼

X  

LTC7150S Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7150S
Description  20V, 20A Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7150S Datasheet(HTML) 2 Page - Linear Technology

  LTC7150S Datasheet HTML 1Page - Linear Technology LTC7150S Datasheet HTML 2Page - Linear Technology LTC7150S Datasheet HTML 3Page - Linear Technology LTC7150S Datasheet HTML 4Page - Linear Technology LTC7150S Datasheet HTML 5Page - Linear Technology LTC7150S Datasheet HTML 6Page - Linear Technology LTC7150S Datasheet HTML 7Page - Linear Technology LTC7150S Datasheet HTML 8Page - Linear Technology LTC7150S Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC7150S
2
7150sfa
For more information www.linear.com/LTC7150S
ABSOLUTE MAXIMUM RATINGS
PVIN, SVIN................................................. –0.3V to 22V
RUN Voltage............................................. –0.3V to SVIN
MODE/SYNC, TRACK/SS Voltage .........–0.3V to INTVCC
ITH, RT, PGOOD Voltage........................... –0.3V to 3.6V
PHMODE, CLK Voltage.............................. –0.3V to 3.6V
VOUT– Voltage ........................................... –0.3V to 0.3V
FB Voltage................................................. –0.3V to 3.6V
Operating Junction Temperature Range................ 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Internal Temperature............................ 125°C
Peak Reflow Solder Body Temperature .................260°C
(Note 1)
ORDER INFORMATION
F
G
E
A
B
C
D
5
6
3
4
2
1
PHMODE
BGA PACKAGE
42-LEAD (6mm × 5mm × 1.30mm)
TOP VIEW
SW
SW
PGND PGND
PGND PGND
SW
SW
PGND PGND
PGND PGND
SW
SW
PGND PGND
PGND PGND
SW
SW
PVIN PVIN
PVIN PVIN
SW
SW
PVIN PVIN
SVIN PVIN
M/S TRACK/SS SGND INTVCC
CLKOUT RUN
RT
ITH
FB
VOUT–
PGOOD
TJMAX = 125°C, θJA = 21°C/W
PIN CONFIGURATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTC7150SEY#PBF
SAC305 (RoHS)
7150S
e1
BGA
3
–40°C to 125°C
LTC7150SIY#PBF
SAC305 (RoHS)
7150S
e1
BGA
3
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTC7150S#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com