Electronic Components Datasheet Search
  English  ▼

X  

LTC7150S Datasheet(PDF) 3 Page - Linear Technology

Part # LTC7150S
Description  20V, 20A Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7150S Datasheet(HTML) 3 Page - Linear Technology

  LTC7150S Datasheet HTML 1Page - Linear Technology LTC7150S Datasheet HTML 2Page - Linear Technology LTC7150S Datasheet HTML 3Page - Linear Technology LTC7150S Datasheet HTML 4Page - Linear Technology LTC7150S Datasheet HTML 5Page - Linear Technology LTC7150S Datasheet HTML 6Page - Linear Technology LTC7150S Datasheet HTML 7Page - Linear Technology LTC7150S Datasheet HTML 8Page - Linear Technology LTC7150S Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC7150S
3
7150sfa
For more information www.linear.com/LTC7150S
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SVIN
SVIN Operating Voltage
l
3.1
20
V
PVIN
PVIN Operating Voltage
20
V
VOUT
VOUT Operating Voltage
0.6
5.5
V
IQ
Input Quiescent Current (Note 3)
Active Mode
Shutdown Mode; VRUN = 0V
2
20
4
40
mA
µA
VFB
Feedback Reference Voltage (Note 4)
ITH = 1.0V
ITH = 1.0V, –40°C to 125°C
l
0.598
0.594
0.600
0.600
0.602
0.606
V
V
∆VFB(LINE+LOAD) Feedback Voltage Line and Load Regulation
(Note 4)
l
0.2
0.5
%
IFB
Feedback Pin Input Current
±50
nA
gm(EA)
Error Amplifier Transconductance
ITH = 1.0V
1.0
1.3
1.6
mS
tON(MIN)
Minimum On-Time
l
20
25
nS
tOFF(MIN)
Minimum Off-Time
50
nS
ILIM
Positive Inductor Valley Current Limit
FB = 0.58V
l
21
24
27
A
ILIM-ITH
Current Limit at Different ITH Voltage
ITH = 1.4V
ITH = 1V
ITH = 0.6V
ITH = 0.2V
l
l
l
l
9.5
–2.5
–14.5
–27
12
0
–12
–24
14.5
2.5
–9.5
–21
A
A
A
A
RTOP
Top Power NMOS On-Resistance
INTVCC = 3.3V
6
mΩ
RBOT
Bottom Power NMOS On-Resistance
INTVCC = 3.3V
2.5
mΩ
ISW
(Note 5)
Top Switch Leakage
Bottom Switch Leakage
VIN = 20V, VSW = 0V
VIN = 20V, VSW = 20V
0.1
1
1
50
µA
µA
VUVLO
INTVCC Undervoltage Lockout Threshold
INTVCC Falling
INTVCC Hysteresis (Rising)
2.45
2.6
250
2.75
V
mV
VRUN
RUN Rising
RUN Falling Hysteresis
1.15
1.20
100
1.25
V
mV
IRUN
Run Leakage Current
100
nA
VINTVCC
Internal VCC Voltage
3.2
3.3
3.4
V
OV
Output Overvoltage
PGOOD Upper Threshold
VFB Rising
VFB Falling Hysteresis
6
8
10
10
%
mV
UV
Output Undervoltage
PGOOD Lower Threshold
VFB Falling
VFB Rising Hysteresis
–6
–8
10
–10
%
mV
RPGOOD
PGOOD Pull-Down Resistance
VPGOOD = 100mV
8
15
Ω
IPGOOD
PGOOD Leakage
VFB = 0.6V
2
µA
tPGOOD
PGOOD Delay
PGOOD Low to High
PGOOD High to Low
6
25
cycles
cycles
ITRACK/SS
Track Pull-Up Current
VTRACK/SS = 0V
6
10
µA
fOSC
Oscillator Frequency
RT = 162kΩ
l
0.9
1
1.1
MHz
fSYNC
SYNC Capture Range
% of Programmed Frequency
70
130
%
MODE/SYNC
MODE/SYNC Threshold Input High
MODE/SYNC Threshold Input Low
0.3
1
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com