Electronic Components Datasheet Search
  English  ▼

X  

MP4033GK Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4033GK
Description  198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033GK Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4033GK Datasheet HTML 1Page - Monolithic Power Systems MP4033GK Datasheet HTML 2Page - Monolithic Power Systems MP4033GK Datasheet HTML 3Page - Monolithic Power Systems MP4033GK Datasheet HTML 4Page - Monolithic Power Systems MP4033GK Datasheet HTML 5Page - Monolithic Power Systems MP4033GK Datasheet HTML 6Page - Monolithic Power Systems MP4033GK Datasheet HTML 7Page - Monolithic Power Systems MP4033GK Datasheet HTML 8Page - Monolithic Power Systems MP4033GK Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EV4033-K-00A – HIGH LINE VOLTAGE, 10W PSR WITH PFC DIMMABLE LED DRIVER
EV4033-K-00A Rev.1.0
www.MonolithicPower.com
2
7/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV4033-K-00A EVALUATION BOARD
(L x W x H) 62mm x 25mm x 23mm
Board Number
MPS IC Number
EV4033-K-00A
MP4033GK
EVALUATION BOARD SCHEMATIC
22nF/630V
C9
499k/1206
R11
TVR10431
RV1
2.2nF/250V
CY1
F1
250V/1A
1mH/0.1A
L1
1mH/0.1A
L2
5.1K/1206
R1
5.1K/1206
R2
22nF/275V
CX1
220nF/450V
C1
510/2W
R3
510/2W
R4
BD1
MB6S
5.1K/1206
R5
100nF/400V
C3
470nF/25V
C7
D3
RLZ TE-11 18D
D4
WSGC10MH
1
2
2.2mH/0.21A
L3
470/1W
R6
1
Q1
SSN1N45BTA
450V/0.5A
1
Q2
ISU04N65A
650V/4A
1M/1%/0.25W
R8
470k/0.5W
R10
1kV/1A
2
1
6
AUX+
B
W
RM6
T1
10nF/50V
C2
L
N
198VAC-265VAC
Np:Ns:Naux=132:24:25
Lp=3.4mH
4.7nF/50V
C5
BAV21W
D2
BZT52C27
D1
3.9k/1%
R7
22uF/50V
C6
9.53k/1%
R14
47k/1%
R15
2.2uF/10V
C8
2.2/1%/1206
R13
0.2/1%/1206
R12
D5
1N4148W
200V/0.2A
MULT
1
ZCD
2
VCC
3
DAMP
4
DIM
5
D
6
S
7
NTC
8
GND
9
COMP
10
U1
MP4033K
NTC
220K
75V/0.15A
16.82V/10mA
27V/5mA
2.2nF/630V
C4
20/1206
R9
D7
1N4148W
75V/0.15A
51
R19
LED+
LED-
2k/1206
R16
200V/3A
D6
MBRS3200T3G
10nF/100V/0805
C12
20k
R21
BAV21W
D10
51k
R20
10k
R17
20k
R18
22uF/50V
C13
D8
1N4148
BZT52C2V4
D9
BZT52C4V7
D11
330uF/35V
C11
330uF/35V
C10
3
2
Q3
AM2340NE/SOT23
BAV21W
D12
200V/0.2A
200V/0.2A
2.4V/5mA
4.7V/5mA
40V/5.2A
Bead/1.5k/1A
L4
30k/1206
R22
Output: 24V/420mA
4.7nF/50V
C14
Figure 1—Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com