Electronic Components Datasheet Search
  English  ▼

X  

MP4033GK Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4033GK
Description  198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033GK Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4033GK Datasheet HTML 5Page - Monolithic Power Systems MP4033GK Datasheet HTML 6Page - Monolithic Power Systems MP4033GK Datasheet HTML 7Page - Monolithic Power Systems MP4033GK Datasheet HTML 8Page - Monolithic Power Systems MP4033GK Datasheet HTML 9Page - Monolithic Power Systems MP4033GK Datasheet HTML 10Page - Monolithic Power Systems MP4033GK Datasheet HTML 11Page - Monolithic Power Systems MP4033GK Datasheet HTML 12Page - Monolithic Power Systems MP4033GK Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EV4033-K-00A – HIGH LINE VOLTAGE, 10W PSR WITH PFC DIMMABLE LED DRIVER
EV4033-K-00A Rev.1.0
www.MonolithicPower.com
9
7/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance Data
Efficiency, PF and THD
f (Hz)
Vin(V)
Pin(W)
Vo(V)
Io(mA)
Po(W)
Efficiency(%)
PF
THD(%)
50
198
11.53
23.24
419
9.74
84.45
0.938
17.00
210
11.55
23.24
420
9.76
84.51
0.925
19.00
220
11.57
23.23
421
9.78
84.53
0.914
20.10
230
11.61
23.23
422
9.80
84.44
0.902
21.10
240
11.65
23.23
422
9.80
84.15
0.890
22.60
250
11.70
23.23
423
9.83
83.99
0.877
23.40
260
11.75
23.23
424
9.85
83.83
0.864
24.80
265
11.78
23.23
424
9.85
83.61
0.857
25.50
Dimming Compatibility (No Flicker with these 19 different Dimmers)
Manufacturer
Part No.
Power Stage
Dimming
Type
Imax(mA)
Imin(mA)
Dimming
ratio
GIRA
0302 00/I01
60-600W
Leading
533
30
5.63%
MIKA
433/4
60-400W
Leading
531
91
17.14%
Berker
283010
60-400W
Leading
531
43
8.10%
JUNG
225 NV DE
20-500W/VA
Leading
531
22
4.14%
JUNG
225 NV DE
20-500W/VA
Leading
532
105
19.74%
Berker
286610
20-500W
Leading
531
40
7.53%
JUNG
266 GDE
60-600W
Leading
527
33
6.26%
EMC
PROP400U
40-400W
Leading
531
28
5.27%
Busch
2247U
500W/VA
Leading
531
50
9.42%
Busch
2200..
60-400W
Leading
530
54
10.19%
Busch
6513 U-102
420W/VA
Trailing
531
50
9.42%
Grundtyp
ET1_53850
25~300W
Trailing
445
40
8.99%
MIKA
433 HAB
20-315W
Trailing
406
46
11.33%
MIKA?
EIM-585
20-300W
Trailing
458
1
0.22%
Busch
6591U-101
420W/VA
Trailing
462
39
8.44%
Busch
6519U
550W/VA
Trailing
527
50
9.49%
JUNG
225 TDE
20-525W
Trailing
504
44
8.73%
SIEMENS
5TC8 284
20-600W
Trailing
481
30
6.24%
LICHTREGLER
T46s
20~315W
Trailing
514
61
11.87%
JUNG
254 UDIE 1
50-420W/VA
Trailing
527
71
13.47%
Berker
286110
50-420W
Trailing
526
72
13.69%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com