Electronic Components Datasheet Search
  English  ▼

X  

MP4033GK Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4033GK
Description  198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033GK Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4033GK Datasheet HTML 1Page - Monolithic Power Systems MP4033GK Datasheet HTML 2Page - Monolithic Power Systems MP4033GK Datasheet HTML 3Page - Monolithic Power Systems MP4033GK Datasheet HTML 4Page - Monolithic Power Systems MP4033GK Datasheet HTML 5Page - Monolithic Power Systems MP4033GK Datasheet HTML 6Page - Monolithic Power Systems MP4033GK Datasheet HTML 7Page - Monolithic Power Systems MP4033GK Datasheet HTML 8Page - Monolithic Power Systems MP4033GK Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EV4033-K-00A
198VAC~265VAC/50Hz, 24V/420mA
Primary-side-control with Active PFC
Off-line Dimmable LED Driver Evaluation Board
EV4033-K-00A Rev.1.0
www.MonolithicPower.com
1
7/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV4033-K-00A
Evaluation
Board
is
designed to demonstrate the capabilities of
MP4033 with ripple suppressor. The MP4033 is
a primary-side-control offline LED lighting
controller which can achieve high power factor
and accurate current for Triac dimmable LED
lighting application. Its adaptive dimmer type
detection and phase-cut-based dimming control
can achieve good dimmer compatibility and
deep dimming range.
It works in boundary conduction mode for
reducing the MOSFET and Diode switching
losses. The
new ripple
suppressor
can
obviously reduce the output current ripple and
escape the flicker or shimmer happened in
deep dimming situation with a little influence in
efficiency.
The EV4033-K-00A is typically designed for
driving a 10W Triac dimmable LED bulb with
24VTYP, 420mA LED load from 198VAC to
265VAC, 50Hz.
The EV4033-K-00A has an excellent efficiency
and
meets
IEC61547
surge
immunity,
IEC61000-3-2
Class
C
harmonics
and
EN55015 conducted EMI requirements. It has
multi-protection
function
as
over-voltage
protection; winding short circuit protection;
output short-circuit protection, cycle by cycle
current limit, etc.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
198 to 265
VAC
Output Voltage
VOUT
24
V
LED Current
ILED
420
mA
Output Power
POUT
10
W
Efficiency (full load)
η
>83
%
Power Factor
PF
>0.8
THD
THD
<28
%
FEATURES
• Fast Start up
• Adaptive Dimmer Type Detection and
Phase-Cut-Based Dimming Control
• Triac Dimmable, with good dimmer
compatibility and deep dimming range
• The dimming curve meets standard SSL6
• Direct PWM Dimming
• Real current control without secondary-
feedback circuit
• Programmable Current Fold-back to
Prolong the LED lifetime (NTC)
• Accurate Line & Load Regulation
• High power factor over 198VAC to 265VAC
• Boundary conduction mode improves
efficiency
• Input UVLO
• Cycle-by-cycle current limit
• Over-voltage protection (OVP)
• Output Short-circuit protection (SCP)
• Winding short circuit protection
• ZCD Pin short circuit protection
• Over-temperature protection (OTP)
• Fit inside A19 bulb enclosure
APPLICATIONS
• Solid State Lighting
• Industrial & Commercial Lighting
• Residential Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS
green status, please visit MPS website under Quality Assurance. “MPS” and
“The Future of Analog IC Technology”, are Registered Trademarks of
Monolithic Power Systems, Inc.
Warning:
Although this board is designed to satisfy safety
requirements, the engineering prototype has not been
agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the
prototype board.


Similar Part No. - MP4033GK

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4033GK MPS-MP4033GK Datasheet
1Mb / 25P
TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
MP4033GK MPS-MP4033GK Datasheet
450Kb / 14P
108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
More results

Similar Description - MP4033GK

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
Primary side regulation off line LED driver with active PFC
August 17, 2016
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
Primary Side Regulation Off Line LED Driver with Active PFC
September 08, 2015
logo
Monolithic Power System...
EV020-5-S-00B MPS-EV020-5-S-00B Datasheet
725Kb / 19P
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
EV4032-1-S-00A MPS-EV4032-1-S-00A Datasheet
568Kb / 15P
108VAC to 132VAC/60Hz, 18VOUT/350mA Primary-Side-Control with Active PFC Off-Line Dimmable LED Driver Evaluation Board
EV4033-K-00B MPS-EV4033-K-00B Datasheet
450Kb / 14P
108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
EV4034-S-00A MPS-EV4034-S-00A Datasheet
412Kb / 15P
85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00B MPS-EV4034-S-00B Datasheet
1,014Kb / 15P
85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4056-K-00A MPS-EV4056-K-00A Datasheet
375Kb / 15P
198VAC~265VAC/50Hz, 48V/340mA Low Cost, Non-isolated with Active PFC TRIAC Dimmable LED Driver Evaluation Board
EV4088-N-00A MPS-EV4088-N-00A Datasheet
1Mb / 14P
198VAC~265VAC/50Hz, 60V/135mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
EV4088-S-00A MPS-EV4088-S-00A Datasheet
1Mb / 13P
198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com