Electronic Components Datasheet Search
  English  ▼

X  

MP4033GK Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4033GK
Description  198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033GK Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4033GK Datasheet HTML 2Page - Monolithic Power Systems MP4033GK Datasheet HTML 3Page - Monolithic Power Systems MP4033GK Datasheet HTML 4Page - Monolithic Power Systems MP4033GK Datasheet HTML 5Page - Monolithic Power Systems MP4033GK Datasheet HTML 6Page - Monolithic Power Systems MP4033GK Datasheet HTML 7Page - Monolithic Power Systems MP4033GK Datasheet HTML 8Page - Monolithic Power Systems MP4033GK Datasheet HTML 9Page - Monolithic Power Systems MP4033GK Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EV4033-K-00A – HIGH LINE VOLTAGE, 10W PSR WITH PFC DIMMABLE LED DRIVER
EV4033-K-00A Rev.1.0
www.MonolithicPower.com
6
7/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV4033-K-00A BILL OF MATERIALS (continued)
Qty
Des
Value
Description
Package
Manufacturer
Manufactuer_P/N
3
R1,
R2,
R5
5.1kΩ
Film
Resistor;1%;1/4W
1206
Yageo
RC1206FR-075K1L
2
R3,
R4
510Ω
DIP,2W RESISTOR
DIP
any
510Ω/2W
1
R6
470Ω
DIP,1W RESISTOR
DIP
any
470Ω/1W
1
R7
3.9kΩ
Film RES, 1%
0603
Yageo
RC0603FR-073K9L
1
R8
1MΩ
DIP,0.25W
RESISTOR
DIP
any
1MΩ/0.25W
1
R9
20Ω
Film RES;1%
1206
Yageo
RC1206FR-0720RL
1
R10
470kΩ/0.5W
Resistor;5%;0.5W
DIP
any
470kΩ/0.5W
1
R11
499kΩ
Film RES, 1%
1206
Yageo
RC1206FR-07499KL
1
R12
200mΩ
Film RES, 1%
1206
Yageo
RC1206FR-070R2L
1
R13
2.2Ω
Film RES, 1%
1206
Royalohm
1206TF2R20
1
R14
9.53kΩ
Film RES, 1%
0603
Yageo
RC0603FR-079K53L
1
R15
47kΩ
Film RES, 1%
0603
Yageo
RC0603FR-0747kL
1
R19
51Ω
Film RES,1%
0603
Yageo
RC0603FR-0751RL
1
R22
30kΩ
Resistor;1%
1206
Yageo
RC1206FR-0730kL
1
RV1
TVR10431KS
Y
430V/2500A
DIP
TKS
TVR10431KSY
1
T1
RM6
RM6, Lp=3.4mH
Np:Ns:Naux=132:24:
25,
RM6
Emei
FX0342
1
U1
MP4033GK
MP4033GK
MSOP10
MPS
MP4033GK
1
C12
10nF/250V
Ceramic
Cap,X7R,250V
0805
TDK
C2012X7R2E103K
1
C13
22uF/50V
Electrolytic Capacitor;
50V;Electrolytic
DIP
Jianghai
CD281L-50V22
2
D10,
D12
BAV21W
Diode;200V;0.2A;
SOD-123
Diodes
BAV21W-7-F
1
D11
BZT52C4V7
S
Zener Diode, 4.7V,
5mA
SOD-323
Diodes
BZT52C4V7S
1
D9
BZT52C2V4
S
Zener Diode, 2.4V,
5mA
SOD-323
Diodes
BZT52C2V4S
1
D8
1N4148WS
Diode;75V;0.15A;
SOD-323
Diodes
1N4148WS-7-F
1
Q3
AM2340NE
N-channel MOSFET,
40V,5.2A
SOT23
Analog Power
AM2340NE
1
R16
2kΩ
Film RES;1%
1206
Yageo
RC1206FR-072KL
1
R17
10kΩ
Film RES;1%
0603
Yageo
RC0603FR-0710KL
2
R18,
R21
20kΩ
Film RES;1%
0603
Yageo
RC0603FR-0720KL
1
R20
51kΩ
Film RES;1%
0603
Yageo
RC0603FR-0751KL
Note: the components in blue compose the ripple suppressor. It is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com