Electronic Components Datasheet Search
  English  ▼

X  

THCV217 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THCV217
Description  by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THCV217 Datasheet HTML 2Page - THine Electronics, Inc. THCV217 Datasheet HTML 3Page - THine Electronics, Inc. THCV217 Datasheet HTML 4Page - THine Electronics, Inc. THCV217 Datasheet HTML 5Page - THine Electronics, Inc. THCV217 Datasheet HTML 6Page - THine Electronics, Inc. THCV217 Datasheet HTML 7Page - THine Electronics, Inc. THCV217 Datasheet HTML 8Page - THine Electronics, Inc. THCV217 Datasheet HTML 9Page - THine Electronics, Inc. THCV217 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
THCV217-THCV218_Rev.2.20_E
Copyright(C)2017 THine Electronics,Inc.
6
THine Electronics, Inc.
Security E
THCV217 Pin Description (Continued)
Name
Ball #
Type*
Description
PDN
H9
I3
Power down input
H: Normal operation
L: Power Down
COL
H3
I3
Color depth select input
H: 8bit mode
L: 10bit mode
PRE
G3
I3
Pre emphasis level select input
H: 100%
L: 0%
BET
J9
I3L
Field BET enable
H: Enable
L: Normal Operation
DEMUX
J5
I3
MODE
J7
I3L
R/F
F3
I3
Input clock triggering edge select input for latching input data
H: Rising edge
L: Falling edge
Reserved0
J6
I3
Reserved Inputs. Must be tied to GND
VDL
C6,C7
P
1.8V power supply pins for digital circuitry
CAVDL
D9,E9,F9
P
1.8V power supply pins for CML outputs
CPVDL
G9
P
1.8V power supply pins for PLL circuitry
DVDH
C3,D3,E3,J4,J8
P3
3.3V power supply pins for TTL inputs
GND
C4,C5,E5,E6,E7,F5,
F6,F7,G5,G6,G7,J3
GND
Ground pins
*type symbol
CO=CML Output
I3=3.3V CMOS input, I3L=Low speed 3.3V CMOS input
O3=3.3V CMOS output
P=1.8V power supply, P3=3.3V power supply
Operation mode select input
DEMUX,MODE=HH: Reserved (Forbidden)
HL: Single-in/Dual-out
LH: Single-in/Single-out
LL: Dual-in/Dual-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com