Electronic Components Datasheet Search
  English  ▼

X  

THCV217 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV217
Description  by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV217 Datasheet HTML 1Page - THine Electronics, Inc. THCV217 Datasheet HTML 2Page - THine Electronics, Inc. THCV217 Datasheet HTML 3Page - THine Electronics, Inc. THCV217 Datasheet HTML 4Page - THine Electronics, Inc. THCV217 Datasheet HTML 5Page - THine Electronics, Inc. THCV217 Datasheet HTML 6Page - THine Electronics, Inc. THCV217 Datasheet HTML 7Page - THine Electronics, Inc. THCV217 Datasheet HTML 8Page - THine Electronics, Inc. THCV217 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
THCV217-THCV218_Rev.2.20_E
Copyright(C)2017 THine Electronics,Inc.
1
THine Electronics, Inc.
Security E
THCV217 and THCV218
V-by-One
® HS High-speed Video Data Transmitter and Receiver
General Description
THCV217 and THCV218 are designed to support
video data transmission between the host and display.
One high-speed lane can carry up to 32bit data and 3
bits of synchronizing signals at a pixel clock
frequency from 20MHz to 85MHz.
The chipset, which has two high-speed data lanes,
can transmit video data up to 1080p/10b/60Hz. The
maximum serial data rate is 3.4Gbps/lane.
Features
Color depth selectable: 24(8×3)/32(10×3)bit
Single-in/Single-out, Single-in/Dual-out, and
Dual-in/Dual-out selectable for THCV217
Single-in/Single-out, Dual-in/Single-out, and
Dual-in/Dual-out selectable for THCV218
AC coupling for high-speed lines
CORE 1.8V, CMOS IO 3.3V
Package: 217(TFBGA105), 218(TFBGA145)
Wide frequency range
CDR requires no external frequency reference
Spread Spectrum Clocking tolerant
Up to 30kHz / ±0.5% (center spread)
V-by-One® HS standard Version1.4 compliant.
Product
Link
Pixel Clock
Frequency
THCV217
Si/So
20MHz to 85MHz
Di/Do
Si/Do
40MHz to 170MHz
THCV218
Si/So
20MHz to 85MHz
Di/Do
Di/So
40MHz to 170MHz
Si/So: Single-in/Single-out,
Di/Do: Dual-in/Dual-out
Di/So: Dual-in/Single-out,
Si/Do: Single-in/Dual-out
Block Diagram
Controls
THCV218
R1[9:0]
G1[9:0]
B1[9:0]
CONT1[2:1]
MODE1,0
COL
PLL
BET
R/F
DKEN,DK
PDN,OE
BETOUT
R1[9:0]
G1[9:0]
B1[9:0]
CONT1[2:1]
MODE
DEMUX
COL
BET
PRE
R/F
PDN
Controls
HTPDN
LOCKN
TX0p
TX0n
THCV217
RX0p
RX0n
DGLOCK
CMOS
CMOS
CML
Open
Drain
TX1p
TX1n
HSYNC
VSYNC
DE
CLKIN
R2[9:0]
G2[9:0]
B2[9:0]
CONT2[2:1]
RX1p
RX1n
HTPDN
LOCKN
HSYNC
VSYNC
DE
R2[9:0]
G2[9:0]
B2[9:0]
CONT2[2:1]
CLKOUT


Similar Part No. - THCV217

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV217 THINE-THCV217 Datasheet
154Kb / 2P
THCV217 is designed to support video data transmission between the host and display.
THCV217 THINE-THCV217 Datasheet
604Kb / 35P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV217 THINE-THCV217_16 Datasheet
604Kb / 35P
V-by-One HS High-speed Video Data Transmitter and Receiver
More results

Similar Description - THCV217

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV234 THINE-THCV234 Datasheet
225Kb / 2P
THCV234 is V-by-One짰 HS High-speed video data receiver with bi-directional transceiver.
THCV215 THINE-THCV215_16 Datasheet
492Kb / 26P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV217 THINE-THCV217_16 Datasheet
604Kb / 35P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV219 THINE-THCV219_16 Datasheet
385Kb / 18P
V-by-One HS High-speed Video Data Transmitter
THCV233 THINE-THCV233_16 Datasheet
586Kb / 34P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV219 THINE-THCV219_17 Datasheet
376Kb / 17P
V-by-One HS High-speed video data transmitter
THCV220 THINE-THCV220_17 Datasheet
386Kb / 17P
V-by-One HS High-speed video data receiver
THCV226 THINE-THCV226 Datasheet
595Kb / 26P
V-by-One HS High-speed Video Data Receiver
THCV233 THINE-THCV233_18 Datasheet
673Kb / 34P
V-by-One HS High-speed video data transmitter and receiver
logo
California Eastern Labs
THEVA226-8LANE CEL-THEVA226-8LANE Datasheet
739Kb / 11P
V-by-One HS receiver evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com