Electronic Components Datasheet Search
  English  ▼

X  

THCV217 Datasheet(PDF) 9 Page - THine Electronics, Inc.

Part # THCV217
Description  by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 9 Page - THine Electronics, Inc.

Back Button THCV217 Datasheet HTML 5Page - THine Electronics, Inc. THCV217 Datasheet HTML 6Page - THine Electronics, Inc. THCV217 Datasheet HTML 7Page - THine Electronics, Inc. THCV217 Datasheet HTML 8Page - THine Electronics, Inc. THCV217 Datasheet HTML 9Page - THine Electronics, Inc. THCV217 Datasheet HTML 10Page - THine Electronics, Inc. THCV217 Datasheet HTML 11Page - THine Electronics, Inc. THCV217 Datasheet HTML 12Page - THine Electronics, Inc. THCV217 Datasheet HTML 13Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
THCV217-THCV218_Rev.2.20_E
Copyright(C)2017 THine Electronics,Inc.
9
THine Electronics, Inc.
Security E
Functional Description
Functional Overview
With V-by-One
®HS’s proprietary encoding scheme and CDR (Clock and Data Recovery) architecture,
THCV217 and THCV218 enable transmission of 8/10 bit RGB, 2bits of user-defined data (CONT),
synchronizing signals HSYNC, VSYNC, and DE by single/dual differential pair cable with minimal external
components.
THCV217, the transmitter, inputs CMOS data (including video data, CONT, HSYNC, VSYNC, and DE) and
serializes video data and synchronizing signals separately, depending on the polarity of DE. DE is a signal which
indicates whether video or synchronizing data are active. When DE is high, it serializes video data inputs into
differential data streams. And it transmits serialized synchronizing data when DE is low.
Figure 1 is the conceptual diagram of the basic operation of the chipset.
THCV218, the receiver, automatically extracts the clock from the incoming data streams and converts the serial
data into video data with DE being high or synchronizing data with DE being low, recognizing which type of
serial data is being sent by the transmitter. And it outputs the recovered data in the form of CMOS data.
THCV218 can operate for a wide range of a serial bit rate from 600Mbps to 3.4Gbps/channel.
Figure 2 shows the timing diagram of the basic operation of the chipset.
It does not need any external frequency reference, such as a crystal oscillator.
Data Enable
There are some requirements for DE signal as described in Figure 1, Figure 2, and Table 18.
If DE=Low, control data of same cycle and possibly particular assigned data bit ‘CTL’ except the first and the
last pixel are transmitted. Otherwise video data are transmitted during DE=High.
Control data from receiver in DE=High period are previous data of DE transition. See Figure 2.
The length of DE being low and high is at least 2 clock cycles long, as described in Table 18.
Data Enable must be toggled like High -> Low -> High at regular interval.
CTL bit transmission
There are particular assigned data bit ‘CTL’ which can be transmitted both on DE=High and on DE=Low
except the first and the last pixel on DE=Low.
This function is enabled by setting THCV218 Reserved7 pin to High.
Data bit : R/G/B, CONT
Control bit : V,HSYNC
Data bit : CTL*
H
L
DE
THCV218
THCV217
R/G/B,
CONT,
CTL
V,HSYNC
DE=H, R/G/B,CONT
DE=L, CTL* except the 1st and the last pixel
other R/G/B,CONT=Low Fixed
DE=H, V,HSYNC=Fixed
DE=L, V,HSYNC
DE
*CTL are particular assigned bit among R/G/B, CONT that can carry arbitrary data during DE=Low period.
*CTL bit transmission is activated by setting THCV218 Reserved7 pin to High.
Figure 1. Conceptual diagram of the basic operation of the chipset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com