Electronic Components Datasheet Search
  English  ▼

X  

THCV217 Datasheet(PDF) 20 Page - THine Electronics, Inc.

Part # THCV217
Description  by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 20 Page - THine Electronics, Inc.

Back Button THCV217 Datasheet HTML 16Page - THine Electronics, Inc. THCV217 Datasheet HTML 17Page - THine Electronics, Inc. THCV217 Datasheet HTML 18Page - THine Electronics, Inc. THCV217 Datasheet HTML 19Page - THine Electronics, Inc. THCV217 Datasheet HTML 20Page - THine Electronics, Inc. THCV217 Datasheet HTML 21Page - THine Electronics, Inc. THCV217 Datasheet HTML 22Page - THine Electronics, Inc. THCV217 Datasheet HTML 23Page - THine Electronics, Inc. THCV217 Datasheet HTML 24Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
THCV217-THCV218_Rev.2.20_E
Copyright(C)2017 THine Electronics,Inc.
20
THine Electronics, Inc.
Security E
Switching Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tTRF
TX0/1 Rise and Fall Time
(20%-80%)
50
-
150
ps
tTOSK
TX0/1 Output Inter Pair Skew
-2
-
2
UI
SiSo, DiDo
11.76
-
50
ns
SiDo
5.88
-
25
ns
tTCH
CLK IN High Time
0.35×tTCIP
0.5×tTCIP
0.65×tTCIP
ns
tTCL
CLK IN Low Time
0.35t×TCIP
0.5×tTCIP
0.65×tTCIP
ns
tTS
CMOS Data Setup to CLK IN
2.0
-
-
ns
tTH
CMOS Data Hold to CLK IN
0.5
-
-
ns
SiSo / DiDo 8bit
(13+7/10)×tTCIP
SiSo / DiDo 10bit
13×tTCIP
SiDo 8bit
(21+4/10)×tTCIP
SiDo 10bit
20×tTCIP
tTPD
Power On to PDN High Delay
0
-
-
ns
tTPLL0
PDN High to CML Output Delay
-
-
10
ms
tTPLL1
PDN Low to CML Output High
Fix Delay
-
-
20
ns
tTNP0
LOCKN High to Training Pattern
Output Delay
-
-
10
ms
tTNP1
LOCKN Low to Data Pattern
Output Delay
-
-
10
ms
typ.+10+tTCIP
tTCIP
CLKIN Period
tTCD
ns
Input Clock to Output Data
Delay
typ.-10
typ.-10-tTCIP
typ.+10
Table 16. THCV217 Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com