Electronic Components Datasheet Search
  English  ▼

X  

MP3427GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3427GL
Description  17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3427GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3427GL Datasheet HTML 1Page - Monolithic Power Systems MP3427GL Datasheet HTML 2Page - Monolithic Power Systems MP3427GL Datasheet HTML 3Page - Monolithic Power Systems MP3427GL Datasheet HTML 4Page - Monolithic Power Systems MP3427GL Datasheet HTML 5Page - Monolithic Power Systems MP3427GL Datasheet HTML 6Page - Monolithic Power Systems MP3427GL Datasheet HTML 7Page - Monolithic Power Systems MP3427GL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EV3427-L-00A―17A, 600kHz, 8V WIDE INPUT SYNCHRONOUS BOOST CONVERTER EV BOARD
EV3427-L-00A Rev.1.0
www.MonolithicPower.com
3
12/30/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV3427-L-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
0
D1
NS
SOD-323
1
D2
1N4148
DIODE
SOD-123
1N4148
1
L1
1μH
4.6mOhm,
Isat=19A,
inductor
SMD
Wurth
744311100
1
Q1
FDMC7678
30V,
6.8mOhm
15A,
N-
Channel MOS
MLP3.3x3.3
FAIRCHILD
FDMC7678
1
Q2
AON7423
20V, P-Channel MOS
QFN3.3x3.3 ALPHA&OMEGA AON7423
1
Q3
MMBT3904 NPN
SOT23
NXP
MMBT3904
1
U1
MP3427
3~8V, 17A, 600kHz boost
converter
QFN22-3*4
MPS
MP3427GL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com