Electronic Components Datasheet Search
  English  ▼

X  

MP3427GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3427GL
Description  17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3427GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3427GL Datasheet HTML 1Page - Monolithic Power Systems MP3427GL Datasheet HTML 2Page - Monolithic Power Systems MP3427GL Datasheet HTML 3Page - Monolithic Power Systems MP3427GL Datasheet HTML 4Page - Monolithic Power Systems MP3427GL Datasheet HTML 5Page - Monolithic Power Systems MP3427GL Datasheet HTML 6Page - Monolithic Power Systems MP3427GL Datasheet HTML 7Page - Monolithic Power Systems MP3427GL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EV3427-L-00A
17A, 600kHz, 8V Wide Input Range
Synchronous Boost Converter EV Board
EV3427-L-00A Rev.1.0
www.MonolithicPower.com
1
12/30/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV3427-L-00A
Evaluation
Board
is
designed to demonstrate the performances of
MPS’ MP3427, which can provide 30W load
from Li-on battery input.
The MP3427 is a 600 kHz fixed frequency, high
efficiency, wide input range, current mode boost
converter with optional internal or external
current
sensing
configuration
for
high
integration or high power application. It features
internally a 10mΩ power switch and a
synchronous gate driver for high conversion
efficiency. The MP3427 is available in a low
profile 22-pin 3mmx4mm QFN package.
This board is configured for 8V/30W application.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Supply Voltage
VIN
3 – 5
V
Output Voltage
VOUT
8
V
Output Power
POUT
0– 30
(1)
W
Notes:
1) The output power may be lower if IC thermal is strictly
restricted.
FEATURES
• 3V-to-8V Wide Input Range for MP3427
• Integrated 10mΩ Low-side Power FET
• SDR Driver for Synchronous Solution
• >17A Internal Switch Current Limit
• Optional Internal/External Current Sensing
Configuration
• External Soft-Start and Compensation for
Higher Flexibility
• Programmable UVLO and Hysteresis
• < 1µA Shutdown Current
• Thermal Shutdown at 150℃
• Available in 3x4mm QFN-22 Package
PACKAGE APPLICATIONS
• Tablet
• Power Banks
• Fuel Cells
• POS Systems
• Electronic Cigarette
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV3427-L-00A EVALUATION BOARD
(L × W × H) 6.3cm × 6.3cm × 1.3cm
Board Number
MPS IC Number
EV3427-L-00A
MP3427GL
60
65
70
75
80
85
90
95
100
0.001 0.01
0.1
1
10


Similar Part No. - MP3427GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3427GL MPS-MP3427GL Datasheet
905Kb / 20P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
More results

Similar Description - MP3427GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9184 MPS-MP9184 Datasheet
913Kb / 20P
17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP3427 MPS-MP3427 Datasheet
905Kb / 20P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
MP3428 MPS-MP3428 Datasheet
930Kb / 20P
17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
MP3428A MPS-MP3428A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
EV3908DK-00B MPS-EV3908DK-00B Datasheet
260Kb / 5P
High Efficiency Synchronous Boost Converter EV Board
EV3410DJ-00A MPS-EV3410DJ-00A Datasheet
156Kb / 4P
1.8V Minimum Input, 3.3V/300mA Output Synchronous Boost Converter EV Board
EV3428-L-00A MPS-EV3428-L-00A Datasheet
456Kb / 6P
17A, 600kHz, 20V Wide Input Synchronous Boost Converter EV Board
EV9184A-L-00A MPS-EV9184A-L-00A Datasheet
1Mb / 8P
19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
logo
Maxim Integrated Produc...
MAX15162TAEVKIT MAXIM-MAX15162TAEVKIT Datasheet
768Kb / 14P
8V to 60V Wide Input Voltage Range
Rev 0; 1/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com