Electronic Components Datasheet Search
  English  ▼

X  

MP3427GL Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3427GL
Description  17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3427GL Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3427GL Datasheet HTML 1Page - Monolithic Power Systems MP3427GL Datasheet HTML 2Page - Monolithic Power Systems MP3427GL Datasheet HTML 3Page - Monolithic Power Systems MP3427GL Datasheet HTML 4Page - Monolithic Power Systems MP3427GL Datasheet HTML 5Page - Monolithic Power Systems MP3427GL Datasheet HTML 6Page - Monolithic Power Systems MP3427GL Datasheet HTML 7Page - Monolithic Power Systems MP3427GL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EV3427-L-00A―17A, 600kHz, 8V WIDE INPUT SYNCHRONOUS BOOST CONVERTER EV BOARD
EV3427-L-00A Rev.1.0
www.MonolithicPower.com
6
12/30/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 3.3V, VOUT = 8V, POUT=30W, L = 1µH, TA = 25°C, MODE=float, RSENSE=3.75mΩ, unless
otherwise noted.
VOUT
5V/div.
VEN
2V/div.
VSW
5V/div.
IL
10A/div.
VOUT
2V/div.
VFB_PWM
5V/div.
VSW
5V/div.
IL
10A/div.
VOUT
5V/div.
VOUT_F
5V/div.
VOUT_EN
5V/div.
IL
10A/div.
VOUT
5V/div.
VOUT_F
5V/div.
VOUT_EN
5V/div.
IL
5A/div.
VOUT
2V/div.
VFB_PWM
5V/div.
VSW
5V/div.
IL
10A/div.
VOUT
2V/div.
VFB_PWM
5V/div.
VSW
5V/div.
IL
10A/div.
VOUT
2V/div.
VFB_PWM
5V/div.
VSW
5V/div.
IL
5A/div.
VOUT/AC
500mV/div.
IOUT
1A/div.
VOUT/AC
500mV/div.
IOUT
2A/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com