Electronic Components Datasheet Search
  English  ▼

X  

MP3427GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3427GL
Description  17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3427GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3427GL Datasheet HTML 1Page - Monolithic Power Systems MP3427GL Datasheet HTML 2Page - Monolithic Power Systems MP3427GL Datasheet HTML 3Page - Monolithic Power Systems MP3427GL Datasheet HTML 4Page - Monolithic Power Systems MP3427GL Datasheet HTML 5Page - Monolithic Power Systems MP3427GL Datasheet HTML 6Page - Monolithic Power Systems MP3427GL Datasheet HTML 7Page - Monolithic Power Systems MP3427GL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EV3427-L-00A―17A, 600kHz, 8V WIDE INPUT SYNCHRONOUS BOOST CONVERTER EV BOARD
EV3427-L-00A Rev.1.0
www.MonolithicPower.com
4
12/30/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 3.3V, VOUT = 8V, POUT=30W, L = 1µH, TA = 25°C, MODE=float, RSENSE=3.75mΩ, unless
otherwise noted.
60
65
70
75
80
85
90
95
100
0.001 0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
0
1
23
45
-180
-144
-108
-72
-36
0
36
72
108
144
180
-0.2
0
0.2
0.4
0.6
0.8
1
0.001 0.01
0.1
1
10
-0.2
0
0.2
0.4
0.6
0.8
1
2.5
3
3.5
4
4.5
5
5.5
-50
-40
-30
-20
-10
0
10
20
30
40
50
100
1000
10000 100000 1000000
-250
-200
-150
-100
-50
0
50
100
150
200
250
Gain
Phase
-50
-40
-30
-20
-10
10
20
30
40
50
100
1000
10000 100000 1000000
0
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com