Electronic Components Datasheet Search
  English  ▼

X  

LTM4624 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4624
Description  14VIN, 4A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4624 Datasheet HTML 2Page - Linear Technology LTM4624 Datasheet HTML 3Page - Linear Technology LTM4624 Datasheet HTML 4Page - Linear Technology LTM4624 Datasheet HTML 5Page - Linear Technology LTM4624 Datasheet HTML 6Page - Linear Technology LTM4624 Datasheet HTML 7Page - Linear Technology LTM4624 Datasheet HTML 8Page - Linear Technology LTM4624 Datasheet HTML 9Page - Linear Technology LTM4624 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTM4624
6
4624fd
For more information www.linear.com/LTM4624
PIN FUNCTIONS
COMP(A1):CurrentControlThresholdandErrorAmplifier
CompensationPoint.Thecurrentcomparator’stripthresh-
old is linearly proportional to this voltage, whose normal
range is from 0.3V to 1.8V. Tie the COMP pins together for
parallel operation. The device is internally compensated.
TRACK/SS (A2): Output Tracking and Soft-Start Input.
Allows the user to control the rise time of the output volt-
age. Putting a voltage below 0.6V on this pin bypasses the
internal reference input to the error amplifier, and servos
the FB pin to match the TRACK/SS voltage. Above 0.6V,
the tracking function stops and the internal reference
resumes control of the error amplifier. There’s an internal
2.5µA pull-up current from INTVCC on this pin, so putting
a capacitor here provides a soft-start function.
RUN (A3): Run Control Input of the Switching Mode
Regulator. Enables chip operation by tying RUN above
1.25V. Pulling it below 1.1V shuts down the part. Do not
leave floating.
FREQ (A4): Frequency is set internally to 1MHz. An ex-
ternal resistor can be placed from this pin to SGND to
increase frequency, or from this pin to INTVCC to reduce
frequency. See the Applications Information section for
frequency adjustment.
NC (A5, B2, B5): No Connect Pins. Pins are not connected
internally. Float or ground these pins.
FB(B1):TheNegativeInputoftheErrorAmplifier.Internally,
this pin is connected to VOUT with a 60.4k precision resis-
tor. Different output voltages can be programmed with an
additional resistor between the FB and SGND pins. Tying
the FB pins together allows for parallel operation. See the
Applications Information section for details.
GND (B3, C3, D3-D4, E3): Power Ground Pins for Both
Input and Output Returns.
SGND (B4): Signal Ground Connection. Tie to GND with
minimum distance. Connect FREQ resistor, COMP com-
ponent, MODE, TRACK/SS component, FB resistor to this
pin as needed.
VOUT (C1, D1-D2, E1-E2): Power Output Pins. Apply out-
put load between these pins and GND pins. Recommend
placing output decoupling capacitance directly between
these pins and GND pins.
PGOOD (C2): Output Power Good with Open-Drain Logic.
PGOOD is pulled to ground when the voltage on the FB pin
is not within ±10% of the internal 0.6V reference.
MODE (C4): Operation Mode Select. Tie this pin to INTVCC
to force continuous synchronous operation at all output
loads. Tying it to SGND enables discontinuous mode
operation at light loads. Do not leave floating.
SVIN (C5): Signal VIN. Filtered input voltage to the on-chip
3.3V regulator. Tie this pin to the VIN pin in most applica-
tions. Connect SVIN to an external voltage supply of at
least 4V which must also be greater than VOUT.
VIN (D5, E5): Power Input Pins. Apply input voltage be-
tween these pins and GND pins. Recommend placing
input decoupling capacitance directly between VIN pins
and GND pins.
INTVCC (E4): Internal 3.3V Regulator Output. The internal
power drivers and control circuits are powered from this
voltage. This pin is internally decoupled to GND with a 1µF
low ESR ceramic capacitor.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com