Electronic Components Datasheet Search
  English  ▼

X  

LTM4624 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4624
Description  14VIN, 4A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624 Datasheet(HTML) 1 Page - Linear Technology

  LTM4624 Datasheet HTML 1Page - Linear Technology LTM4624 Datasheet HTML 2Page - Linear Technology LTM4624 Datasheet HTML 3Page - Linear Technology LTM4624 Datasheet HTML 4Page - Linear Technology LTM4624 Datasheet HTML 5Page - Linear Technology LTM4624 Datasheet HTML 6Page - Linear Technology LTM4624 Datasheet HTML 7Page - Linear Technology LTM4624 Datasheet HTML 8Page - Linear Technology LTM4624 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTM4624
1
4624fd
For more information www.linear.com/LTM4624
TYPICAL APPLICATION
FEATURES
DESCRIPTION
14VIN, 4A Step-Down DC/DC
µModule Regulator
TheLTM®4624isacomplete4Astep-downswitchingmode
µModule® (micromodule) regulator in a tiny 6.25mm ×
6.25mm × 5.01mm BGA package. Included in the package
aretheswitchingcontroller,powerFETs,inductorandsup-
portcomponents.Operatingoveraninputvoltagerangeof
4V to 14V or 2.375V to 14V with an external bias supply,
the LTM4624 supports an output voltage range of 0.6V to
5.5V, set by a single external resistor. Its high efficiency
design delivers 4A continuous, 5A peak, output current.
Only bulk input and output capacitors are needed.
The LTM4624 supports selectable discontinuous mode
operation and output voltage tracking for supply rail se-
quencing. Its high switching frequency and current mode
control enable a very fast transient response to line and
load changes without sacrificing stability.
Fault protection features include overvoltage, overcurrent
and overtemperature protection.
The LTM4624 is available with SnPb (BGA) or RoHS
compliant terminal finish.
4A, 1.5V Output DC/DC µModule Step-Down Regulator
12VIN Efficiency vs Load Current
APPLICATIONS
n
Complete Solution in <1cm2 (Single-Sided PCB) or
0.5cm2 (Dual-Sided PCB)
n
Wide Input Voltage Range: 4V to 14V
n
Input Voltage Down to 2.375V with External Bias
n
0.6V to 5.5V Output Voltage
n
4A DC, 5A Peak Output Current
n
±2% Total DC Output Voltage Error
n
Current Mode Control, Fast Transient Response
n
Output Voltage Tracking
n
Selectable Discontinuous Mode
n
Power Good Indicator
n
Overvoltage, Overcurrent and Overtemperature
Protection
n
6.25mm × 6.25mm × 5.01mm BGA Package
n
Telecom, Datacom, Networking and Industrial
Equipment
n
Medical Diagnostic Equipment
n
Data Storage Rack Units and Cards
n
Test and Debug Systems
L
, LT, LTC, LTM, µModule, LTpowerCAD, Linear Technology and the Linear logo are registered
trademarks of Analog Devices, Inc. All other trademarks are the property of their respective
owners.
40.2k
4624 TA01a
10µF
16V
VIN
4V TO 14V
VOUT
1.5V
4A
47µF
6.3V
0.1µF
VIN
SVIN
RUN
INTVCC
MODE
TRACK/SS
FREQ
VOUT
FB
PGOOD
COMP
GND
SGND
LTM4624
LOAD CURRENT (A)
0
80
85
90
4
4624 TA01b
75
70
50
1
2
3
55
60
65
100
95
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 1V
Click to view associated TechClip Videos.


Similar Part No. - LTM4624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
4A Step-Down 關Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
4A Step-Down 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com